전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54212 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL54212
상세설명  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54212 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL54212 Datasheet HTML 1Page - Intersil Corporation ISL54212 Datasheet HTML 2Page - Intersil Corporation ISL54212 Datasheet HTML 3Page - Intersil Corporation ISL54212 Datasheet HTML 4Page - Intersil Corporation ISL54212 Datasheet HTML 5Page - Intersil Corporation ISL54212 Datasheet HTML 6Page - Intersil Corporation ISL54212 Datasheet HTML 7Page - Intersil Corporation ISL54212 Datasheet HTML 8Page - Intersil Corporation ISL54212 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6556.0
September 18, 2007
ON Resistance, RON
VDD = 2.85V, IN = 0V, CTRL = VDD, ICOMx = 1mA,
VD+ or VD- = 2.85V (See Figure 4)
+25
-
26
-
Ω
ON Resistance, RON
VDD = 3.3V, IN = 0.5V, CTRL = 1.4V, ICOMx = 1mA,
VD+ or VD- = 3.3V (See Figure 4)
+25
-
23.5
38
Ω
Full
-
-
43
Ω
ON Resistance, RON
VDD = 3.6V, IN = 0.5V, CTRL = 1.4V, ICOMx = 40mA,
VD+ or VD- = 0V to 400mV (See Figure 4)
25
-
4.6
5
Ω
Full
-
-
6.5
Ω
RON Matching Between Channels,
ΔRON
VDD = 3.6V, IN = 0.5V, CTRL = 1.4V,
ICOMx = 40mA, VD+ or VD- = Voltage at max RONover
signal range of 0V to 400mV, (Note 7)
25
-
0.06
0.5
Ω
Full
-
-
0.55
Ω
RON Flatness, RFLAT(ON)
VDD = 3.6V, IN = 0.5V, CTRL = 1.4V,
ICOMx = 40mA, VD+ or VD- = 0V to 400mV, (Note 6)
25
-
0.4
0.6
Ω
Full
-
-
1.0
Ω
OFF Leakage Current, ID+(OFF) or
ID-(OFF)
VDD = 3.6V, IN = CTRL = 3.6V, VCOM- or
VCOM+ = 0.5V, 0V, VD+ or VD- = 0V, 0.5V, VL and
VR = float
25
-10
-
10
nA
Full
-70
-
70
nA
ON Leakage Current, IDx
VDD = 3.3V, IN = 0.5V, CTRL = 0V or 3.3V, VD+ or
VD- = 2.0V, VCOM- ,VCOM+ , VL and VR = float
25
-10
2
10
nA
Full
-75
-
75
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 1)
25
-
67
-
ns
Turn-OFF Time, tOFF
VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 1)
25
-
48
-
ns
Break-Before-Make Time Delay, tD
VDD = 2.7V, RL = 50Ω, CL = 10pF, (See Figure 2)
25
-
18
-ns
Skew, tSKEW
VDD = 3.3V, IN = 0V, CTRL = 3.3V, RL = 45Ω, CL = 10pF,
tR = tF = 750ps at 480Mbps,
(Duty Cycle = 50%) (See Figure 7)
25
-
50
-
ps
Total Jitter, tJ
VDD = 3.3V, IN = 0V, CTRL = 3.3V, RL = 45Ω, CL = 10pF,
tR = tF = 750ps at 480Mbps
25
-
210
-
ps
Propagation Delay, tPD
VDD = 3.3V, IN = 0V, CTRL = 3.3V, RL = 45Ω, CL = 10pF,
(See Figure 7)
25
-
250
-
ps
Crosstalk (Channel-to-Channel),
R to COM-, L to COM+
VDD = 3.3V, IN = CTRL = 3.3V, RL = 32Ω,
f = 20Hz to 20kHz, VR or VL = 0.707VRMS (2VP-P),
(See Figure 6)
25
-
-110
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, IN = CTRL = 3.0V, VL or
VR = 0.707VRMS (2VP-P), RL = 32Ω
25
-
0.06
-
%
USB Switch -3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω, CL = 5pF
25
-
630
-
MHz
D+/D- OFF Capacitance, CD+(OFF),
CD-(OFF)
f = 1MHz, VDD = 3.3V, IN = CTRL = 3.3V,
VD- or VD+ = VCOMx = 0V, (See Figure 5)
25
-
6
-
pF
L/R OFF Capacitance, CLOFF,
CROFF
f = 1MHz, VDD = 3.3V, IN = 0V, CTRL = 3.3V,
VL or VR = VCOMx = 0V, (See Figure 5)
25
-
9
-
pF
COM ON Capacitance, CCOM-(ON),
CCOM+(ON)
f = 1MHz, VDD = 3.3V, IN = 0V, CTRL = 3.3V,
VD- or VD+ = VCOMx = 0V, (See Figure 5)
25
-
10
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.5
-
5.5
V
Positive Supply Current, IDD
VDD = 3.6V, IN = 0V or 3.6V, CTRL = 3.6V
25
-
6
8
μA
Full
-
-
10
μA
Positive Supply Current, IDD
VDD = 4.2V, IN = 0V or 4.2V, CTRL = 4.2V
25
-
6
-
μA
Positive Supply Current, IDD
VDD = 5.0V, IN = 0V or 5.0V, CTRL = 5.0V
25
-
8
-
μA
Positive Supply Current, IDD
(Low Power State)
VDD = 3.6V, IN = 3.6V, CTRL = 0V or float
25
-
1
7
nA
Full
-
-
140
nA
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V, VCTRLH = 1.4V,
VCTRLL = 0.5V, (Note 4), unless otherwise specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 8)
TYP
MAX
(Notes 5, 8) UNITS
ISL54212


유사한 부품 번호 - ISL54212

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54212 INTERSIL-ISL54212 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212IRTZ RENESAS-ISL54212IRTZ Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212IRTZ-T RENESAS-ISL54212IRTZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212IRUZ-T RENESAS-ISL54212IRUZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

유사한 설명 - ISL54212

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com