전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54206AIRUZ-T 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL54206AIRUZ-T
상세설명  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206AIRUZ-T 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL54206AIRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISL54206A
2
FN6515.2
September 30, 2010
Pin Configurations (Note 1)
ISL54206A
(10 LD µTQFN)
TOP VIEW
ISL54206A
(10 LD TDFN)
TOP VIEW
NOTE:
1. ISL54206A Switches shown for IN = Logic “0” and CTRL = Logic “1”.
1
3
4
D-
COM -
L
IN 2
10
5
7
8 D+
COM +
R
9
6
VDD
LOGIC
CONTROL
4M
50k
50k
2
4
5
D-
COM -
L
IN
3
7
8
D+
COM +
R
9
6
VDD
LOGIC
CONTROL
50k
50k
1
GND
10
4M
CTRL
PD
Truth Table
ISL54206A
IN
CTRL
L, R
D+, D-
00
OFF
OFF
0
1
ON
OFF
1X
OFF
ON
IN: Logic “0” when ≤0.5V, Logic “1” when ≥1.4V with 2.7V to
3.6V supply.
CTRL: Logic “0” when ≤0.5V or Floating, Logic “1” when ≥1.4V
with 2.7V to 3.6V supply.
Pin Descriptions
ISL54206A
PIN NO. NAME
FUNCTION
1
VDD Power Supply
2
IN
Digital Control Input
3
COM- Voice and Data Common Pin
4
COM+ Voice and Data Common Pin
5
GND Ground Connection
6
R
Audio Right Input
7
L
Audio Left Input
8
D+
USB Differential Input
9
D-
USB Differential Input
10
CTRL Digital Control Input (Audio Enable)
-
PD
Thermal Pad. Tie to Ground or Float
(TDFN package only)


유사한 부품 번호 - ISL54206AIRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54206AIRUZ-T INTERSIL-ISL54206AIRUZ-T Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206AIRUZ-T INTERSIL-ISL54206AIRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206AIRUZ-T RENESAS-ISL54206AIRUZ-T Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

유사한 설명 - ISL54206AIRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com