전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3224MMX-ADJ 데이터시트(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3224MMX-ADJ
상세설명  615kHz/1.25MHz Step-up PWM DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3224MMX-ADJ 데이터시트(HTML) 2 Page - National Semiconductor (TI)

  LM3224MMX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagram
Top View
20097604
8-Lead Plastic MSOP
NS Package Number MUA08A
Ordering Information
Order Number
Spec.
Package
Type
NSC Package
Drawing
Supplied As
Package Top Mark
LM3224MM-ADJ
MSOP-8
MUA08A
1000 Units, Tape and
Reel
SEKB
LM3224MMX-ADJ
MSOP-8
MUA08A
3500 Units, Tape and
Reel
SEKB
LM3224MM-ADJ
NOPB
MSOP-8
MUA08A
1000 Units, Tape and
Reel
SEKB
LM3224MMX-ADJ
NOPB
MSOP-8
MUA08A
3500 Units, Tape and
Reel
SEKB
Pin Descriptions
Pin
Name
Function
1V
C
Compensation network connection. Connected to the output of the voltage error amplifier.
2
FB
Output voltage feedback input.
3
SHDN
Shutdown control input, active low. This pin has an internal pulldown resistor so the
default condition is off. The pin must be pulled high to turn on the device.
4
GND
Analog and power ground.
5
SW
Power switch input. Switch connected between SW pin and GND pin.
6V
IN
Analog power input.
7
FSLCT
Switching frequency select input. V
IN = 1.25MHz. Ground = 615kHz.
8
SS
Soft-start Pin.
www.national.com
2


유사한 부품 번호 - LM3224MMX-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3224MMX-ADJ NSC-LM3224MMX-ADJ Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224MMX-ADJ/NOPB TI-LM3224MMX-ADJ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
More results

유사한 설명 - LM3224MMX-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM3224 TI-LM3224_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com