전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL55143IRZ 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL55143IRZ
상세설명  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55143IRZ 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL55143IRZ Datasheet HTML 1Page - Intersil Corporation ISL55143IRZ Datasheet HTML 2Page - Intersil Corporation ISL55143IRZ Datasheet HTML 3Page - Intersil Corporation ISL55143IRZ Datasheet HTML 4Page - Intersil Corporation ISL55143IRZ Datasheet HTML 5Page - Intersil Corporation ISL55143IRZ Datasheet HTML 6Page - Intersil Corporation ISL55143IRZ Datasheet HTML 7Page - Intersil Corporation ISL55143IRZ Datasheet HTML 8Page - Intersil Corporation ISL55143IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6230.0
July 17, 2006
Pin Descriptions
PIN
FUNCTION
VEE
Negative supply input
QAX
Channel A, CVAX reference driven. Comparator output.
QBX
Channel B, CVBX reference driven. Comparator output.
VOL
Comparator output logic low supply. Unbuffered analog input that sets all QAX, QBX “low” voltage level.
VOH
Comparator output logic high supply. Unbuffered analog input that sets all QAX, QBX “high” voltage level.
VCC
Positive supply input.
CVAX
Channel A comparator reference analog input.
VINPX
Window comparator input. Common to both channel Ax and channel Bx.
CVBX
Channel B comparator reference analog input.
PD
Power-down logic input (connect to VEE if not used for power-down).
NC
No internal connection.
TABLE 1. CVA-QA AND CVB-QB BASIC COMPARATOR
TRUTH TABLE
INPUT
OUTPUTS*
VINPX
QAX
QBX
<CVAX
<CVBX
00
<CVAX
>CVBX
01
>CVAX
<CVBX
10
>CVAX
>CVBX
11
* When QAX/QBX = 1, Output is connect to VOH
* When QAX/QBX = 0, Output is connect to VOL
ISL55141, ISL55142, ISL55143


유사한 부품 번호 - ISL55143IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55143IRZ RENESAS-ISL55143IRZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results

유사한 설명 - ISL55143IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141IRZ INTERSIL-ISL55141IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com