전자부품 데이터시트 검색엔진 |
|
CD74HC4066 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
CD74HC4066 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 16 page 5 Switching Specifications Input tr, tf = 6ns PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Propagation Delay Time Switch In to Out tPLH, tPHL CL = 50pF 2 - - 60 - 75 - 90 ns 4.5 - - 12 - 15 - 18 ns 9 - - 8 - 11 - 13 ns CL = 15pF 5 - 4 - ---- ns Propagation Delay Time Switch Turn On Delay tPZH, tPZL CL = 50pF 2 - - 100 - 125 - 150 ns 4.5 - - 20 - 25 - 30 ns 9 - - 12 - 15 - 18 ns CL = 15pF 5 - 8 - ---- ns Propagation Delay Time Switch Turn Off Delay tPHZ, tPLZ CL = 50pF 2 - - 150 - 190 - 225 ns 4.5 - - 30 - 38 - 45 ns 9 - - 24 - 30 - 36 ns CL = 15pF 5 - 12 - ---- ns Input (Control) Capacitance CI - - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 4, 5) CPD - 5 - 25 - ---- pF HCT TYPES Propagation Delay Time Switch In to Out tPLH, tPHL CL = 50pF 4.5 - - 12 - 15 - 18 ns CL = 15pF 5 - 4 - ---- ns Propagation Delay Time Switch Turn On Delay tPZH, tPZL CL = 50pF 4.5 - - 24 - 30 - 36 ns CL = 15pF 5 - 9 - ---- ns Propagation Delay Time Switch Turn Off Delay tPHZ, tPLZ CL = 50pF 4.5 - - 35 - 44 - 53 ns CL = 15pF 5 - 14 - ---- ns Input (Control) Capacitance CI - - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 4, 5) CPD - 5 - 38 - ---- pF NOTES: 4. CPD is used to determine the dynamic power consumption, per package. 5. PD =CPD VCC 2 f i + Σ (CL +CS)VCC 2 f o where fi = input frequency, fo = output frequency, CL = output load capacitance, CS = switch capacitance, VCC = supply voltage. Analog Channel Specifications TA = 25oC PARAMETER TEST CONDITIONS VCC (V) HC4066 CD74HCT4066 UNITS Switch Frequency Response Bandwidth at -3dB Figure 2 Figure 5, Notes 6, 7 4.5 200 200 MHz Cross Talk Between Any Two Switches Figure 3 Figure 4, Notes 7, 8 4.5 -72 -72 dB Total Harmonic Distortion Figure 6, 1kHz, VIS = 4VP-P 4.5 0.022 0.023 % Figure 6, 1kHz, VIS = 8VP-P 9 0.008 N/A % CD54HC4066, CD74HC4066, CD74HCT4066 |
유사한 부품 번호 - CD74HC4066 |
|
유사한 설명 - CD74HC4066 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |