전자부품 데이터시트 검색엔진 |
|
L7815CD2T 데이터시트(PDF) 8 Page - STMicroelectronics |
|
L7815CD2T 데이터시트(HTML) 8 Page - STMicroelectronics |
8 / 34 page L7800 SERIES 8/34 Table 9: Electrical Characteristics Of L7818 (refer to the test circuits, TJ = -55 to 150°C, VI = 26V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Table 10: Electrical Characteristics Of L7820 (refer to the test circuits, TJ = -55 to 150°C, VI = 28V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 17.3 18 18.7 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 22 to 33 V 17.1 18 18.9 V ∆V O(*) Line Regulation VI = 21 to 33 V TJ = 25°C 180 mV VI = 24 to 30 V TJ = 25°C 90 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 180 mV IO = 250 to 750 mA TJ = 25°C 90 Id Quiescent Current TJ = 25°C 6 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 22 to 33 V 0.8 ∆V O/∆T Output Voltage Drift IO = 5 mA 2.3 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 40 µV/V O SVR Supply Voltage Rejection VI = 22 to 32 V f = 120Hz 59 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 2.5 V RO Output Resistance f = 1 KHz 22 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.75 1.2 A Iscp Short Circuit Peak Current TJ = 25°C 1.3 2.2 3.3 A Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 19.2 20 20.8 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 24 to 35 V 19 20 21 V ∆V O(*) Line Regulation VI = 22.5 to 35 V TJ = 25°C 200 mV VI = 26 to 32 V TJ = 25°C 100 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 200 mV IO = 250 to 750 mA TJ = 25°C 100 Id Quiescent Current TJ = 25°C 6 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 24 to 35 V 0.8 ∆V O/∆T Output Voltage Drift IO = 5 mA 2.5 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 40 µV/V O SVR Supply Voltage Rejection VI = 24 to 35 V f = 120Hz 58 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 2.5 V RO Output Resistance f = 1 KHz 24 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.75 1.2 A Iscp Short Circuit Peak Current TJ = 25°C 1.3 2.2 3.3 A |
유사한 부품 번호 - L7815CD2T |
|
유사한 설명 - L7815CD2T |