전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM27C040-200 데이터시트(PDF) 7 Page - Advanced Micro Devices

부품명 AM27C040-200
상세설명  4 Megabit (512 K x 8-Bit) CMOS EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C040-200 데이터시트(HTML) 7 Page - Advanced Micro Devices

Back Button AM27C040-200 Datasheet HTML 3Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 4Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 5Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 6Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 7Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 8Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 9Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 10Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Am27C040
7
FI NAL
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
OTP Products . . . . . . . . . . . . . . . . –65
°C to +125°C
All Other Products. . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . .–55
°C to + 125°C
Voltage with Respect to VSS
All pins except A9, VPP,
VCC (Note 1) . . . . . . . . . . . . . . –0.6 V to VCC +0.5 V
A9 and VPP (Note 2) . . . . . . . . . . . .–0.6 V to +13.5 V
VCC . . . . . . . . . . . . . . . . . . . . . . . . . .–0.6 V to +7.0 V
1. During voltage transitions, inputs may overshoot VSS to –
2.0 V for periods of up to 20 ns. Maximum DC voltage on
input and I/O pins may overshoot to VCC + 2.0 V for
periods up to 20 ns.
2. During voltage transitions, A9 and VPP may overshoot
VSS to –2.0 V for periods of up to 20 ns. A9 and VPP must
not exceed +13.5 V at any time.
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the op-
erational sections of this specification is not implied. Expo-
sure of the device to absolute maximum rating conditions for
extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . .0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . .–40°C to +85°C
Extended (E) Devices
Ambient Temperature (TA) . . . . . . . .–55°C to +125°C
Supply Read Voltages
VCC for ± 5% devices . . . . . . . . . . +4.75 V to +5.25 V
VCC for ± 10% devices . . . . . . . . . +4.50 V to +5.50 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.


유사한 부품 번호 - AM27C040-200

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM27C040-200 AMD-AM27C040-200 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C040-200DC AMD-AM27C040-200DC Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C040-200DCB AMD-AM27C040-200DCB Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C040-200DE AMD-AM27C040-200DE Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C040-200DEB AMD-AM27C040-200DEB Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
More results

유사한 설명 - AM27C040-200

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27X040 AMD-AM27X040 Datasheet
132Kb / 10P
   4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13