전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVC4T774PW 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AVC4T774PW
상세설명  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T774PW 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74AVC4T774PW Datasheet HTML 2Page - Texas Instruments SN74AVC4T774PW Datasheet HTML 3Page - Texas Instruments SN74AVC4T774PW Datasheet HTML 4Page - Texas Instruments SN74AVC4T774PW Datasheet HTML 5Page - Texas Instruments SN74AVC4T774PW Datasheet HTML 6Page - Texas Instruments SN74AVC4T774PW Datasheet HTML 7Page - Texas Instruments SN74AVC4T774PW Datasheet HTML 8Page - Texas Instruments SN74AVC4T774PW Datasheet HTML 9Page - Texas Instruments SN74AVC4T774PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN74AVC4T774
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES693A – FEBRUARY 2008 – REVISED FEBRUARY 2008
over recommended operating free-air temperature range, VCCA = 1.2 V (unless otherwise noted) (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
tPLH
3.5
2.8
2.7
2.7
3.1
A
B
ns
tPHL
3.5
2.8
2.7
2.7
3.1
tPLH
3.8
3.4
3.2
3
2.9
B
A
ns
tPHL
3.8
3.4
3.2
3
2.9
tPZH
6
4.8
4.4
5.3
9.3
OE
A
ns
tPZL
6
4.8
4.4
5.3
9.3
tPZH
6.7
6.7
6.6
6.7
6.6
OE
B
ns
tPZL
6.7
6.7
6.6
6.7
6.6
tPHZ
4.3
3.6
3.7
3.3
4
OE
A
ns
tPLZ
4.3
3.6
3.7
3.3
4
tPHZ
4.4
4.4
4.4
4.4
4.4
OE
B
ns
tPLZ
4.4
4.4
4.4
4.4
4.4
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.1
0.3
4.4
0.2
3.9
0.1
3.6
0.1
3.9
A
B
ns
tPHL
3.1
0.3
4.4
0.2
3.9
0.1
3.6
0.1
3.9
tPLH
2.9
0.6
5.1
0.4
4.9
0.2
4.6
0.1
4.5
B
A
ns
tPHL
2.9
0.6
5.1
0.4
4.9
0.2
4.6
0.1
4.5
tPZH
5.3
1.1
7.1
0.9
6.2
0.7
5.5
0.1
6.4
OE
A
ns
tPZL
5.3
1.1
7.1
0.9
6.2
0.7
5.5
0.1
6.4
tPZH
4.4
1.1
8.2
1.1
8.2
1.1
8.2
1.1
8.2
OE
B
ns
tPZL
4.4
1.1
8.2
1.1
8.2
1.1
8.2
1.1
8.2
tPHZ
3.6
1.2
4.8
0.8
5.4
0.4
5.1
1
5.4
OE
A
ns
tPLZ
3.6
1.2
4.8
0.8
5.4
0.4
5.1
1
5.4
tPHZ
3.1
0.3
5.6
0.2
5.7
0.3
5.6
0.3
56
OE
B
ns
tPLZ
3.1
0.3
5.6
0.2
5.7
0.3
5.6
0.3
5.6
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVC4T774


유사한 부품 번호 - SN74AVC4T774PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC4T774PW TI-SN74AVC4T774PW Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774PW TI-SN74AVC4T774PW Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774PW TI-SN74AVC4T774PW Datasheet
739Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774PW TI1-SN74AVC4T774PW Datasheet
1Mb / 36P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs
SN74AVC4T774PWG4 TI-SN74AVC4T774PWG4 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

유사한 설명 - SN74AVC4T774PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com