전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M40SZ100Y 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 M40SZ100Y
상세설명  5V or 3V NVRAM supervisor for LPSRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100Y 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button M40SZ100Y_07 Datasheet HTML 4Page - STMicroelectronics M40SZ100Y_07 Datasheet HTML 5Page - STMicroelectronics M40SZ100Y_07 Datasheet HTML 6Page - STMicroelectronics M40SZ100Y_07 Datasheet HTML 7Page - STMicroelectronics M40SZ100Y_07 Datasheet HTML 8Page - STMicroelectronics M40SZ100Y_07 Datasheet HTML 9Page - STMicroelectronics M40SZ100Y_07 Datasheet HTML 10Page - STMicroelectronics M40SZ100Y_07 Datasheet HTML 11Page - STMicroelectronics M40SZ100Y_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Description
M40SZ100Y, M40SZ100W
8/25
Figure 5.
Hardware hookup
1.
User supplied for the 16-pin package
AI04767
VCC
E
ECON
VSS
VOUT
VCC
1Mb or 4Mb
LPSRAM
3.0V, 3.3V or 5V
PFI
0.1
μF
0.1
μF
M40SZ100Y
M40SZ100W
E
PFO
RST
BL
To Microprocessor Reset
To Battery Monitor Circuit
Unregulated
Voltage
Regulator
VCC
VIN
R1
R2
From Microprocessor
RSTIN
VBAT
(1)
To Microprocessor NMI


유사한 부품 번호 - M40SZ100Y_07

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M40SZ100YMH STMICROELECTRONICS-M40SZ100YMH Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40SZ100YMH6 STMICROELECTRONICS-M40SZ100YMH6 Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40SZ100YMH6E STMICROELECTRONICS-M40SZ100YMH6E Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M40SZ100YMH6F STMICROELECTRONICS-M40SZ100YMH6F Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M40SZ100YMH6TR STMICROELECTRONICS-M40SZ100YMH6TR Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
More results

유사한 설명 - M40SZ100Y_07

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
STM706T STMICROELECTRONICS-STM706T Datasheet
468Kb / 26P
   3V Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com