전자부품 데이터시트 검색엔진 |
|
LM4040A10IDBZT 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
LM4040A10IDBZT 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 51 page www.ti.com LM4040 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS456K – JANUARY 2005 – REVISED MARCH 2008 ORDERING INFORMATION (continued) DEVICE ORDERABLE TOP-SIDE TA VKA PACKAGE(2) GRADE PART NUMBER MARKING(3) Reel of 3000 LM4040C20QDBZR 2.048 V 4MW_ Reel of 250 LM4040C20QDBZT C grade: Reel of 3000 LM4040C25QDBZR 0.5% initial 2.5 V 4MA_ accuracy Reel of 250 LM4040C25QDBZT and SOT-23-3 (DBZ) Reel of 3000 LM4040C30QDBZR 100 ppm/ °C 3 V 4NJ_ temperature Reel of 250 LM4040C30QDBZT coefficient Reel of 3000 LM4040C50QDBZR 5 V 4NE_ Reel of 250 LM4040C50QDBZT –40 °C to 125°C Reel of 3000 LM4040D20QDBZR 2.048 V 4MY_ Reel of 250 LM4040D20QDBZT D grade: Reel of 3000 LM4040D25QDBZR 1.0% initial 2.5 V 4MB_ accuracy Reel of 250 LM4040D25QDBZT and SOT-23-3 (DBZ) Reel of 3000 LM4040D30QDBZR 150 ppm/ °C 3 V 4NK_ temperature Reel of 250 LM4040D30QDBZT coefficient Reel of 3000 LM4040D50QDBZR 5 V 4NF_ Reel of 250 LM4040D50QDBZT 6 Submit Documentation Feedback Copyright © 2005–2008, Texas Instruments Incorporated |
유사한 부품 번호 - LM4040A10IDBZT |
|
유사한 설명 - LM4040A10IDBZT |