전자부품 데이터시트 검색엔진 |
|
LM4040B25ILPR 데이터시트(PDF) 5 Page - Texas Instruments |
|
LM4040B25ILPR 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 51 page www.ti.com LM4040 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS456K – JANUARY 2005 – REVISED MARCH 2008 ORDERING INFORMATION (continued) DEVICE ORDERABLE TOP-SIDE TA VKA PACKAGE(2) GRADE PART NUMBER MARKING(3) SC-70 (DCK) Reel of 3000 LM4040D20IDCKR MW_ Reel of 3000 LM4040D20IDBZR SOT-23-3 (DBZ) 4MV_ 2.048 V Reel of 250 LM4040D20IDBZT Bulk of 1000 LM4040D20ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040D20ILPR SC-70 (DCK) Reel of 3000 LM4040D25IDCKR ME_ Reel of 3000 LM4040D25IDBZR SOT-23-3 (DBZ) 4ME_ 2.5 V Reel of 250 LM4040D25IDBZT Bulk of 1000 LM4040D25ILP TO-92/TO-226 (LP) NFD25I Reel of 2000 LM4040D25ILPR SC-70 (DCK) Reel of 3000 LM4040D30IDCKR PC_ Reel of 3000 LM4040D30IDBZR SOT-23-3 (DBZ) 4M9_ 3 V Reel of 250 LM4040D30IDBZT Bulk of 1000 LM4040D30ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040D30ILPR D grade: SC-70 (DCK) Reel of 3000 LM4040D41IDCKR P7_ 1.0% initial Reel of 3000 LM4040D41IDBZR accuracy SOT-23-3 (DBZ) 4M5_ –40 °C to 85°C and 4.096 V Reel of 250 LM4040D41IDBZT 150 ppm/ °C Bulk of 1000 LM4040D41ILP temperature TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040D41ILPR coefficient SC-70 (DCK) Reel of 3000 LM4040D50IDCKR M4_ Reel of 3000 LM4040D50IDBZR SOT-23-3 (DBZ) 4ND_ 5 V Reel of 250 LM4040D50IDBZT Bulk of 1000 LM4040D50ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040D50ILPR SC-70 (DCK) Reel of 3000 LM4040D82IDCKR PG_ Reel of 3000 LM4040D82IDBZR SOT-23-3 (DBZ) 4NP_ 8.192 V Reel of 250 LM4040D82IDBZT Bulk of 1000 LM4040D82ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040D82ILPR SC-70 (DCK) Reel of 3000 LM4040D10IDCKR PL_ Reel of 3000 LM4040D10IDBZR SOT-23-3 (DBZ) 4NT_ 10 V Reel of 250 LM4040D10IDBZT Bulk of 1000 LM4040D10ILP TO-92/TO-226 (LP) NFD10I Reel of 2000 LM4040D10ILPR Copyright © 2005–2008, Texas Instruments Incorporated Submit Documentation Feedback 5 |
유사한 부품 번호 - LM4040B25ILPR |
|
유사한 설명 - LM4040B25ILPR |