전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS654DWR 데이터시트(PDF) 9 Page - Texas Instruments

부품명 SN74ALS654DWR
상세설명  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS654DWR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74ALS654DWR Datasheet HTML 5Page - Texas Instruments SN74ALS654DWR Datasheet HTML 6Page - Texas Instruments SN74ALS654DWR Datasheet HTML 7Page - Texas Instruments SN74ALS654DWR Datasheet HTML 8Page - Texas Instruments SN74ALS654DWR Datasheet HTML 9Page - Texas Instruments SN74ALS654DWR Datasheet HTML 10Page - Texas Instruments SN74ALS654DWR Datasheet HTML 11Page - Texas Instruments SN74ALS654DWR Datasheet HTML 12Page - Texas Instruments SN74ALS654DWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
SN54ALS652, SN54ALS653, SN54AS651, SN54AS652
SN74ALS651A, SN74ALS652A, SN74ALS653, SN74ALS654, SN74AS651, SN74AS652
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SDAS066G – DECEMBER 1983 – REVISED DECEMBER 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS652
SN74ALS652A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VCC = 4.5 V to 5.5 V, IOH = – 0.4 mA
VCC – 2
VCC – 2
VOH
IOH = – 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = – 12 mA
2
V
IOH = – 15 mA
2
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
VCC = 4.75 V,
IOL = 48 mA (-1 versions)
0.35
0.5
II
Control inputs
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
II
A or B ports
VCC = 5.5 V,
VI = 5.5 V
0.1
0.1
mA
I
Control inputs
V5 5 V
V2 7 V
20
20
A
IIH
A or B ports‡
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
I
Control inputs
V5 5 V
V0 4 V
– 0.2
– 0.2
mA
IIL
A or B ports‡
VCC = 5.5 V,
VI = 0.4 V
– 0.2
– 0.2
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
– 20
– 112
– 30
– 112
mA
Outputs high
47
76
47
76
ICC
VCC = 5.5 V
Outputs low
55
88
55
88
mA
Outputs disabled
55
88
55
88
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.


유사한 부품 번호 - SN74ALS654DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS654DWR TI1-SN74ALS654DWR Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALS654DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com