전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4511DY 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI4511DY
상세설명  N- and P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4511DY 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI4511DY_06 Datasheet HTML 1Page - Vishay Siliconix SI4511DY_06 Datasheet HTML 2Page - Vishay Siliconix SI4511DY_06 Datasheet HTML 3Page - Vishay Siliconix SI4511DY_06 Datasheet HTML 4Page - Vishay Siliconix SI4511DY_06 Datasheet HTML 5Page - Vishay Siliconix SI4511DY_06 Datasheet HTML 6Page - Vishay Siliconix SI4511DY_06 Datasheet HTML 7Page - Vishay Siliconix SI4511DY_06 Datasheet HTML 8Page - Vishay Siliconix SI4511DY_06 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si4511DY
Document Number: 72223
S-61005-Rev. D, 12-Jun-06
www.vishay.com
1
N- and P-Channel 20-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
APPLICATIONS
Level Shift
Load Switch
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
N-Channel
20
0.0145 at VGS = 10 V
9.6
0.017 at VGS = 4.5 V
8.6
P-Channel
- 20
0.033 at VGS = - 4.5 V
- 6.2
0.050 at VGS = - 2.5 V
- 5
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4511DY-T1
Si4511DY-T1-E3 (Lead (Pb)-Free)
S2
G2
G1
S1
D2
D1
Notes
a. Surface Mounted on 1" x 1" FR4 Board.
b. t
≤ 10 sec
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
10 secs
Steady
10 secs
Steady
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 16
± 12
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
9.6
7.2
- 6.2
- 4.6
A
TA = 70 °C
7.7
5.8
- 4.9
- 3.7
Pulsed Drain Current
IDM
40
- 40
Continuous Source Current (Diode Conduction)a
IS
1.7
0.9
- 1.7
0.9
Maximum Power Dissipationa
TA = 25 °C
PD
21.1
21.1
W
TA = 70 °C
1.3
0.7
1.3
0.7
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ
Max
Typ
Max
Maximum Junction-to-Ambienta
t
≤ 10 sec
RthJA
50
62.5
50
62.5
°C/W
Steady State
85
110
90
110
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40
30
35
Available
Pb-free
RoHS*
COMPLIANT


유사한 부품 번호 - SI4511DY_06

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY_09 Datasheet
281Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. E, 18-May-09
More results

유사한 설명 - SI4511DY_06

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com