전자부품 데이터시트 검색엔진 |
|
LM4040C20QDBZR 데이터시트(PDF) 7 Page - Texas Instruments |
|
|
LM4040C20QDBZR 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 51 page www.ti.com CATHODE ANODE _ + Absolute Maximum Ratings (1) Recommended Operating Conditions LM4040 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS456K – JANUARY 2005 – REVISED MARCH 2008 FUNCTIONAL BLOCK DIAGRAM over free-air temperature range (unless otherwise noted) MIN MAX UNIT IZ Continuous cathode current –10 25 mA DBZ package 206 θ JA Package thermal impedance(2)(3) DCK package 252 °C/W LP package 156 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (3) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT IZ Cathode current (1) 15 mA LM4040xxxI –40 85 TA Free-air temperature °C LM4040xxxQ –40 125 (1) See parametric tables Copyright © 2005–2008, Texas Instruments Incorporated Submit Documentation Feedback 7 |
유사한 부품 번호 - LM4040C20QDBZR |
|
유사한 설명 - LM4040C20QDBZR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |