전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD197-70-74-661 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SD197-70-74-661
상세설명  Cooled Large Area 10mm Red Silicon APD Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SD197-70-74-661 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SD197-70-74-661 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD197-70-74-661 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Dark Ouput Noise @ Gain 300
0
5
10
15
20
25
30
Frequency (MHz)
Spectral Sensitivity Blue @ Gain 300
0
1
2
3
4
5
6
7
Wavelength (nm)
Cooled Large Area 10mm Blue Silicon APD Module
SD 197-70-74-661
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Mechanical Dimension in inches
www.lasercomponents.com
Issue:
08/06 / V1 / HW /api/apd/cooled-laapd-mod/ sd197-70-74-661.pdf
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk


유사한 부품 번호 - SD197-70-74-661

제조업체부품명데이터시트상세설명
logo
Advanced Photonix, Inc.
SD197-70-74-661 ADVANCEDPHOTONIX-SD197-70-74-661 Datasheet
129Kb / 2P
   Cooled Large Area 5mm Blue Enhanced Silicon APD Module
More results

유사한 설명 - SD197-70-74-661

제조업체부품명데이터시트상세설명
logo
Advanced Photonix, Inc.
SD394-70-72-661 ADVANCEDPHOTONIX-SD394-70-72-661 Datasheet
122Kb / 2P
   Cooled Large Area 10mm Red Silicon APD Module
SD394-70-74-661 ADVANCEDPHOTONIX-SD394-70-74-661 Datasheet
128Kb / 2P
   Cooled Large Area 10mm Blue Silicon APD Module
SD197-70-72-661 ADVANCEDPHOTONIX-SD197-70-72-661 Datasheet
127Kb / 2P
   Cooled Large Area 5mm Red Enhanced Silicon APD Module
SD197-70-74-661 ADVANCEDPHOTONIX-SD197-70-74-661 Datasheet
129Kb / 2P
   Cooled Large Area 5mm Blue Enhanced Silicon APD Module
logo
Luna Innovations Incorp...
SD394-70-72-591 LUNA-SD394-70-72-591 Datasheet
136Kb / 2P
   Cooled Large Area Red Silicon Photodiode
logo
Advanced Photonix, Inc.
SD394-70-72-591 ADVANCEDPHOTONIX-SD394-70-72-591 Datasheet
62Kb / 1P
   Cooled Large Area Red Silicon Avalanche Photodiode
logo
Luna Innovations Incorp...
SD197-70-72-591 LUNA-SD197-70-72-591 Datasheet
186Kb / 2P
   Cooled Large Area Red Silicon Avalanche Photodiode
logo
Advanced Photonix, Inc.
SD197-70-72-591 ADVANCEDPHOTONIX-SD197-70-72-591 Datasheet
64Kb / 1P
   Cooled Large Area Red Silicon Avalanche Photodiode
SD630-70-72-500 ADVANCEDPHOTONIX-SD630-70-72-500 Datasheet
58Kb / 1P
   Non-Cooled Large Area Red Silicon Avalanche Photodiode
logo
Luna Innovations Incorp...
SD630-70-72-500 LUNA-SD630-70-72-500 Datasheet
131Kb / 2P
   Non-Cooled Large Area Red Silicon Avalanche Photodiode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com