전자부품 데이터시트 검색엔진 |
|
IRFP32N50K 데이터시트(PDF) 3 Page - International Rectifier |
|
IRFP32N50K 데이터시트(HTML) 3 Page - International Rectifier |
3 / 8 page IRFP32N50K www.irf.com 3 Fig 4. Normalized On-Resistance Vs. Temperature Fig 2. Typical Output Characteristics Fig 1. Typical Output Characteristics Fig 3. Typical Transfer Characteristics 0.1 1 10 100 1000 4 5 7 8 9 11 12 V = 50V 20µs PULSE WIDTH DS V , Gate-to-Source Voltage (V) GS T = 150 C J ° T = 25 C J ° -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 T , Junction Temperature ( C) J ° V = I = GS D 10V 32A 0.1 1 10 100 VDS, Drain-to-Source Voltage (V) 0.01 0.1 1 10 100 1000 5.0V 20µs PULSE WIDTH Tj = 25°C VGS TOP 15V 12V 10V 8.0V 7.0V 6.0V 5.5V BOTTOM 5.0V 0.1 1 10 100 VDS, Drain-to-Source Voltage (V) 0.1 1 10 100 5.0V 20µs PULSE WIDTH Tj = 150°C VGS TOP 15V 12V 10V 8.0V 7.0V 6.0V 5.5V BOTTOM 5.0V |
유사한 부품 번호 - IRFP32N50K |
|
유사한 설명 - IRFP32N50K |