전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS064FFA5E 데이터시트(PDF) 35 Page - Numonyx B.V

부품명 SMS064FFA5E
상세설명  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS064FFA5E 데이터시트(HTML) 35 Page - Numonyx B.V

Back Button SMS064FFA5E Datasheet HTML 31Page - Numonyx B.V SMS064FFA5E Datasheet HTML 32Page - Numonyx B.V SMS064FFA5E Datasheet HTML 33Page - Numonyx B.V SMS064FFA5E Datasheet HTML 34Page - Numonyx B.V SMS064FFA5E Datasheet HTML 35Page - Numonyx B.V SMS064FFA5E Datasheet HTML 36Page - Numonyx B.V SMS064FFA5E Datasheet HTML 37Page - Numonyx B.V SMS064FFA5E Datasheet HTML 38Page - Numonyx B.V SMS064FFA5E Datasheet HTML 39Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Timings
35/61
6
Timings
The symbols listed in Table 24 are used in all timing diagrams.
The difference between P-bits and Z-bits is that P-bits are actively driven to High by the card
or the host output driver whereas Z-bits are driven to High and kept High by the pull-up
resistors RCMD and RDAT. P-bits, which are actively driven High, are less sensitive to noise.
All timing values are defined in Table 25
6.1
Command and Response
The host command and the card response are both clocked out on the rising edge of the
host clock.
6.1.1
Card Identification and Operating Conditions Timings
The timings for CMD2 (ALL_SEND_CID) and ACMD41 are shown in Figure 17 The
command is followed by two Z-bits (to leave time for the bus to switch direction) and then by
P-bits pushed up by the responding card. The card response to the host command starts
after NID clock cycles.
Table 24.
Timing Diagram Symbols
Symbol
Description
S
Start bit (= ‘0’)
T
Transmitter bit (Host = '1', Card = '0')
P
One-cycle pull-up (= '1')
E
End bit (=1)
Z
High impedance state (-> = '1')
D
Data bits
X
Don't Care data bits (from card)
*
Repetition
CRC
Cyclic redundancy check bits (7 bits)
Card active
Host active


유사한 부품 번호 - SMS064FFA5E

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
logo
VBsemi Electronics Co.,...
SMS0610 VBSEMI-SMS0610 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - SMS064FFA5E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com