전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS064FFA5E 데이터시트(PDF) 15 Page - Numonyx B.V

부품명 SMS064FFA5E
상세설명  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS064FFA5E 데이터시트(HTML) 15 Page - Numonyx B.V

Back Button SMS064FFA5E Datasheet HTML 11Page - Numonyx B.V SMS064FFA5E Datasheet HTML 12Page - Numonyx B.V SMS064FFA5E Datasheet HTML 13Page - Numonyx B.V SMS064FFA5E Datasheet HTML 14Page - Numonyx B.V SMS064FFA5E Datasheet HTML 15Page - Numonyx B.V SMS064FFA5E Datasheet HTML 16Page - Numonyx B.V SMS064FFA5E Datasheet HTML 17Page - Numonyx B.V SMS064FFA5E Datasheet HTML 18Page - Numonyx B.V SMS064FFA5E Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Secure digital memory card interface
15/61
3.1
Secure digital memory card bus topology
The Secure Digital Memory Card system defines two alternative communications protocols:
SD and SPI that correspond to two operating modes.
Either mode can be selected in the application, mode selection is transparent to the host.
The host automatically detects the operating mode of the card by issuing the Reset
command (refer to Section 7.2.1: Mode Selection) and will expect all further
communications to use the same mode. Therefore, applications that use only one
communication mode do not have to be aware of the other.
The SD bus includes the following signals:
CLK: Host to card clock signal
CMD: Bi-directional Command/Response signal
DAT0 - DAT3: 4 Bi-directional data signals.
VDD, VSS1, VSS2: Power and ground signals.
The SD Memory Card bus has a synchronous star topology (refer to Figure 4: Secure Digital
Memory Card system bus topology) with a single master (the application) and multiple
slaves (the cards). The Clock, power and ground signals are common to all cards. The
command (CMD) and data (DAT0 - DAT3) signals are dedicated to the cards, they provide
continuous point-to-point connection to all the cards.
During the initialization process, commands are sent to each card individually, allowing the
application to detect the cards and assign logical addresses to the physical slots. Data is
always sent (received) to (from) each card individually. However, in order to simplify the
handling of the card stack, after the initialization process, all commands may be sent
concurrently to all cards. Addressing information is provided in the command packet.
The SD bus allows dynamic configuration of the number of data lines. After power-up the SD
Memory Card defaults to using only DAT0 for data transfer. After initialization the host can
change the bus width (number of active data lines). This feature is an easy trade off between
hardware cost and system performance.


유사한 부품 번호 - SMS064FFA5E

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
logo
VBsemi Electronics Co.,...
SMS0610 VBSEMI-SMS0610 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - SMS064FFA5E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com