전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS256FFA5E 데이터시트(PDF) 36 Page - Numonyx B.V

부품명 SMS256FFA5E
상세설명  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS256FFA5E 데이터시트(HTML) 36 Page - Numonyx B.V

Back Button SMS256FFA5E Datasheet HTML 32Page - Numonyx B.V SMS256FFA5E Datasheet HTML 33Page - Numonyx B.V SMS256FFA5E Datasheet HTML 34Page - Numonyx B.V SMS256FFA5E Datasheet HTML 35Page - Numonyx B.V SMS256FFA5E Datasheet HTML 36Page - Numonyx B.V SMS256FFA5E Datasheet HTML 37Page - Numonyx B.V SMS256FFA5E Datasheet HTML 38Page - Numonyx B.V SMS256FFA5E Datasheet HTML 39Page - Numonyx B.V SMS256FFA5E Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
Timings
SMSxxxAF, SMSxxxFF, SMSxxxBF
36/61
Figure 17.
Identification Sequence
6.1.2
Card Relative Address Timings
The SD Memory Card timings for CMD3 (SEND_RELATIVE_ADDR) are given in Figure 18.
The minimum delay between the host command and the card response is NCR clock cycles.
Figure 18.
SEND_RELATIVE_ADDRESS Command
6.1.3
Data Transfer Mode
After publishing its RCA the card switches to the Data Transfer mode. The command is
followed by two Z-bits (to leave time for the bus to switch direction) and then by P-bits
pushed by the responding card as shown in Figure 19. The timing diagram presented in
Figure 19 applies to all host commands followed by card responses, and to ACMD41 and
CMD2 commands.
Figure 19.
Response (Data Transfer Mode)
6.1.4
Last Card Response, Next Host Command Timings
After receiving the last card response, the host can start the next command transmission
after NRC clock cycles as shown in Figure 20. The timing diagram presented in Figure 20
applies to any host command.
Figure 20.
Response End To Next CMD Start (Data Transfer Mode)
S
T
CONTENT
CRC E
Z
Z
P
***
P
S
T
CONTENT
Z
Z
Z
Host Command
CID or OCR
NID Cycles
ai10046
CMD
S
T
CONTENT
CRC E
Z
Z
P
***
P
S
T
Z
Z
Z
Host Command
Response
NCR Cycles
ai10047
CONTENT
CRC E
CMD
S
T
CONTENT
CRC E
Z
Z
P
***
P
S
T
Z
Z
Z
Host Command
Response
NCR Cycles
ai10047
CONTENT
CRC E
CMD
S
T
CONTENT
CRC E
Z
******
Z
S
T
Response
Host Command
NRC Cycles
ai10048
CONTENT
CRC E
CMD


유사한 부품 번호 - SMS256FFA5E

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
SMS250 DIOTEC-SMS250 Datasheet
171Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Semikron International
SMS250 SEMIKRON-SMS250 Datasheet
139Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SMS250 DIOTEC-SMS250 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Semikron International
SMS250 SEMIKRON-SMS250 Datasheet
143Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SMS250 DIOTEC-SMS250 Datasheet
112Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results

유사한 설명 - SMS256FFA5E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com