전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS01GFFA5E 데이터시트(PDF) 33 Page - Numonyx B.V

부품명 SMS01GFFA5E
상세설명  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GFFA5E 데이터시트(HTML) 33 Page - Numonyx B.V

Back Button SMS01GFFA5E Datasheet HTML 29Page - Numonyx B.V SMS01GFFA5E Datasheet HTML 30Page - Numonyx B.V SMS01GFFA5E Datasheet HTML 31Page - Numonyx B.V SMS01GFFA5E Datasheet HTML 32Page - Numonyx B.V SMS01GFFA5E Datasheet HTML 33Page - Numonyx B.V SMS01GFFA5E Datasheet HTML 34Page - Numonyx B.V SMS01GFFA5E Datasheet HTML 35Page - Numonyx B.V SMS01GFFA5E Datasheet HTML 36Page - Numonyx B.V SMS01GFFA5E Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Card registers
33/61
5.3
CSD Register
The Card Specific Data Register provides information on how to access the card contents.
The CSD Register defines the data format, error correction type, maximum data access
time, data transfer speed, whether the DSR register can be used etc. The programmable
register parameters (entries with cell type W or R, listed in Table 22) can be changed using
CMD27.
Table 22.
CSD Fields Compatible with CSD Structure V1 / MM Card Specification V2.11
Name
Field
Width
Cell Type(1)
CSD-slice
CSD structure
CSD_STRUCTURE
2
R
[127:126]
reserved
-
6
R
[125:120]
data read access-time-1
TAAC
8
R
[119:112]
data read access-time-2 in CLK cycles
(NSAC*100)
NSAC
8
R
[111:104]
Max. data transfer rate
TRAN_SPEED
8
R
[103:96]
card command classes
CCC
12
R
[95:84]
Max. read data block length
READ_BL_LEN
4
R
[83:80]
partial blocks for read allowed
READ_BL_PARTIAL
1
R
[79:79]
write block misalignment
WRITE_BLK_MISALIGN
1
R
[78:78]
read block misalignment
READ_BLK_MISALIGN
1
R
[77:77]
DSR implemented
DSR_IMP
1
R
[76:76]
reserved
-
2
R
[75:74]
device size
C_SIZE
12
R
[73:62]
Max. read current @VDD min
VDD_R_CURR_MIN
3
R
[61:59]
Max. read current @VDD max
VDD_R_CURR_MAX
3
R
[58:56]
Max. write current @VDD min
VDD_W_CURR_MIN
3
R
[55:53]
Max. write current @VDD max
VDD_W_CURR_MAX
3
R
[52:50]
device size multiplier
C_SIZE_MULT
3
R
[49:47]
erase single block enable
ERASE_BLK_EN
1
R
[46:46]
sector size
SECTOR_SIZE
7
R
[45:39]
write protect group size
WP_GRP_SIZE
7
R
[38:32]
write protect group enable
WP_GRP_ENABLE
1
R
[31:31]
reserved for MultiMediaCard
compatibility
-
2
R
[30:29]
write speed factor
R2W_FACTOR
3
R
[28:26]
Max. write data block length
WRITE_BL_LEN
4
R
[25:22]
partial blocks for write allowed
WRITE_BL_PARTIAL
1
R
[21:21]
reserved
-
5
R
[20:16]
File format group
FILE_FORMAT_GRP
1
R/W(1)
[15:15]
copy flag (OTP)
COPY
1
R/W(1)
[14:14]
permanent write protection
PERM_WRITE_PROTECT
1
R/W(1)
[13:13]


유사한 부품 번호 - SMS01GFFA5E

제조업체부품명데이터시트상세설명
logo
Carlo Gavazzi Holding A...
SMS01 CARLOGAVAZZI-SMS01 Datasheet
191Kb / 3P
   Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
logo
Power-One
SMS012YE POWER-ONE-SMS012YE Datasheet
304Kb / 3P
   12 WATT
SMS012YG POWER-ONE-SMS012YG Datasheet
304Kb / 3P
   12 WATT
SMS012ZE POWER-ONE-SMS012ZE Datasheet
304Kb / 3P
   12 WATT
SMS012ZG POWER-ONE-SMS012ZG Datasheet
304Kb / 3P
   12 WATT
More results

유사한 설명 - SMS01GFFA5E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com