전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX9598 데이터시트(PDF) 3 Page - Maxim Integrated Products

부품명 MAX9598
상세설명  Low-Power Audio/Video Switch for Dual SCART Connectors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9598 데이터시트(HTML) 3 Page - Maxim Integrated Products

  MAX9598 Datasheet HTML 1Page - Maxim Integrated Products MAX9598 Datasheet HTML 2Page - Maxim Integrated Products MAX9598 Datasheet HTML 3Page - Maxim Integrated Products MAX9598 Datasheet HTML 4Page - Maxim Integrated Products MAX9598 Datasheet HTML 5Page - Maxim Integrated Products MAX9598 Datasheet HTML 6Page - Maxim Integrated Products MAX9598 Datasheet HTML 7Page - Maxim Integrated Products MAX9598 Datasheet HTML 8Page - Maxim Integrated Products MAX9598 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Low-Power Audio/Video Switch for
Dual SCART Connectors
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Clamping Current
Sync-tip clamp, VIN = 0.3V
1
2
µA
Maximum Input Source
Resistance
300
Ω
Bias Voltage
VBIAS
Bias circuit
0.57
0.60
0.63
V
Input Resistance
Bias circuit
10
k
Ω
DC CHARACTERISTICS
DC Voltage Gain
Av
Guaranteed by output-voltage swing
1.95
2
2.05
V/V
DC Gain Mismatch Between R,
G, and B Outputs
Guaranteed by output-voltage swing of
TV_R/C_OUT, TV_G_OUT, and TV_B_OUT;
first input signal set is VCR_R/C_IN,
VCR_G_IN, and VCR_B_IN; second signal set
is ENC_R/C_IN, ENC_G_IN, and ENC_B_IN
-2
+2
%
Sync-tip clamp (VIN = VCLP)
0.19
0.30
0.40
Output Level
Bias circuit
1.35
1.50
1.62
V
Sync-tip clamp, measured at output, VVID =
3V, VIN = VCLP to (VCLP +1.15V), RL = 150
Ω
to VVID/2, RL = 75
Ω to GNDVID
2.3
Measured at output, VVID = 3.135V, VIN =
VCLP to (VCLP +1.2V), RL = 150
Ω to VVID/2,
RL = 75
Ω to GNDVID
2.34
2.40
2.46
Bias circuit, measured at output, VVID = 3V,
VIN = (VBIAS - 0.575V) to (VBIAS + 0.575V),
RL = 150
Ω to VVID/2, RL = 75Ω to GNDVID
2.3
Output-Voltage Swing
Measured at output, VVID = 3.135V,
VIN = (VBIAS - 0.6V) to (VBIAS + 0.6V),
RL = 150
Ω to VVID/2, RL = 75Ω to GNDVID
2.34
2.40
2.46
VP-P
Output Short-Circuit Current
100
mA
Output Resistance
ROUT
0.5
Ω
Output Leakage Current
Output disabled (load detection not active)
10
µA
Power-Supply Rejection Ratio
3V
≤ VVID ≤ 3.6V
50
dB
AC CHARACTERISTICS
Filter Passband Flatness
VOUT = 2VP-P, f = 100kHz to 10MHz
-1
dB
f = 11MHz
3
f = 27MHz
52
Filter Attenuation
VOUT = 2VP-P,
attenuation is referred
to 100kHz
f = 54MHz
55
dB
Slew Rate
VOUT = 2VP-P, no filter in video path
60
V/µs
Settling Time
VOUT = 2VP-P, settle to 0.1% (Note 3)
400
ns
Differential Gain
DG
5-step modulated staircase, f = 4.43MHz
0.15
%
Differential Phase
DP
5-step modulated staircase, f = 4.43MHz
0.6
Degrees
2T Pulse-to-Bar K Rating
2T = 200ns, bar time is 18µs; the beginning
2.5% and the ending 2.5% of the bar time are
ignored
0.3
K%
ELECTRICAL CHARACTERISTICS (continued)
(V12 = 12V, VVID = VAUD = 3.3V, GNDVID = EP = 0V, no load, TA = 0°C to +70°C, unless otherwise noted. Typical values are at TA
= +25°C.) (Note 1)


유사한 부품 번호 - MAX9598

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX9598 MAXIM-MAX9598 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9598 MAXIM-MAX9598 Datasheet
832Kb / 16P
   Easy-to-Use, Menu-Driven Software
Rev 0; 3/08
MAX9598CTL++ MAXIM-MAX9598CTL+ Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9598EVKIT MAXIM-MAX9598EVKIT Datasheet
832Kb / 16P
   Easy-to-Use, Menu-Driven Software
Rev 0; 3/08
MAX9598EVKIT++ MAXIM-MAX9598EVKIT+ Datasheet
832Kb / 16P
   Easy-to-Use, Menu-Driven Software
Rev 0; 3/08
More results

유사한 설명 - MAX9598

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX9670 MAXIM-MAX9670 Datasheet
694Kb / 42P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 0; 7/09
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
   Video Switch for Dual SCART Connectors
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com