전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT354 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT354
상세설명  8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT354 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CD74HCT354 Datasheet HTML 3Page - Texas Instruments CD74HCT354 Datasheet HTML 4Page - Texas Instruments CD74HCT354 Datasheet HTML 5Page - Texas Instruments CD74HCT354 Datasheet HTML 6Page - Texas Instruments CD74HCT354 Datasheet HTML 7Page - Texas Instruments CD74HCT354 Datasheet HTML 8Page - Texas Instruments CD74HCT354 Datasheet HTML 9Page - Texas Instruments CD74HCT354 Datasheet HTML 10Page - Texas Instruments CD74HCT354 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
E Pulse Width
tPLH, tPHL
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
LE Pulse Width
tPLH, tPHL
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Set-up Times Dn
→ EtSU
-
2
50
-
-
65
-
75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
11
-
13
-
ns
Set-up Times Sn
→ LE
tSU
-
2
50
-
-
65
-
75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
11
-
13
-
ns
Hold Times Dn
→ EtH
-
2
45
-
-
55
-
70
-
ns
4.5
9
-
-
11
-
14
-
ns
6
8
-
-
9
-
12
-
ns
Hold Times Sn
→ LE
tH
-
2
45
-
-
55
-
70
-
ns
4.5
9
-
-
11
-
14
-
ns
6
8
-
-
9
-
12
-
ns
HCT TYPES
E Pulse Width
tPLH, tPHL
-
4.5
16
-
-
20
-
24
-
ns
LE Pulse Width
tPLH, tPHL
-
4.5
16
-
-
20
-
24
-
ns
Set-up Times Dn
→ EtSU
-
4.5
10
-
-
13
-
15
-
ns
Set-up Times Sn
→ LE
tSU
-
4.5
10
-
-
13
-
15
-
ns
Hold Times Dn
→ EtH
-
4.5
9
-
-
11
-
14
-
ns
Hold Times Sn
→ LE
tH
-
4.5
9
-
-
11
-
14
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO
125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay,
Dn
→ Y, Y
tPLH, tPHL
CL = 50pF
2
-
210
265
315
ns
4.5
-
42
53
63
ns
6
-
36
45
54
ns
CL = 15pF
5
18
-
-
-
ns
Propagation Delay,
E
→ Y, Y
tPLH, tPHL
CL = 50pF
2
-
250
315
375
ns
4.5
-
50
63
75
ns
6
-
43
54
64
ns
CL = 15pF
5
21
-
-
-
ns
CD54HC354, CD74HC354, CD74HCT354


유사한 부품 번호 - CD74HCT354

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT354 TI-CD74HCT354 Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD74HCT354E TI-CD74HCT354E Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
More results

유사한 설명 - CD74HCT354

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC354 TI-CD54HC354 Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
logo
Renesas Technology Corp
HD74HC354 RENESAS-HD74HC354 Datasheet
122Kb / 10P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356 RENESAS-HD74HC356 Datasheet
201Kb / 9P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC356 HITACHI-HD74HC356 Datasheet
65Kb / 10P
   8-to-1-line Data Selectors/Multiplexer/Register(with 3-state outputs)
HD74HC354 HITACHI-HD74HC354 Datasheet
64Kb / 10P
   8-to-1-line Data Selectors/Multiplexer Register(with 3-state outputs)
logo
Texas Instruments
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
SN74LVC257A TI-SN74LVC257A Datasheet
125Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11258 TI1-74AC11258_09 Datasheet
100Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com