전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB4NK60Z 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STB4NK60Z
상세설명  N-channel 600 V - 1.76 廓 - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4NK60Z 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STB4NK60Z_08 Datasheet HTML 5Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 6Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 7Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 8Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 9Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 10Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 11Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 12Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Test circuits
9/20
3
Test circuits
Figure 17. Switching times test circuit for
resistive load
Figure 18. Gate charge test circuit
Figure 19. Test circuit for inductive load
switching and diode recovery times
Figure 20. Unclamped Inductive load test
circuit
Figure 21. Unclamped inductive waveform
Figure 22. Switching time waveform


유사한 부품 번호 - STB4NK60Z_08

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1 Datasheet
759Kb / 16P
   N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1 Datasheet
970Kb / 28P
   N-channel 600 V, 1.76 廓, 4 A SuperMESH??Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1 Datasheet
731Kb / 32P
   N-channel 600 V, 1.7 Ω typ., 4 A SuperMESH™ Power MOSFETs in I2PAK, D2PAK, IPAK and DPAK packages
Rev 9 - April 2018
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1_V01 Datasheet
731Kb / 32P
   N-channel 600 V, 1.7 Ω typ., 4 A SuperMESH™ Power MOSFETs in I2PAK, D2PAK, IPAK and DPAK packages
Rev 9 - April 2018
logo
VBsemi Electronics Co.,...
STB4NK60ZT4 VBSEMI-STB4NK60ZT4 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

유사한 설명 - STB4NK60Z_08

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD4NK60ZT4 STMICROELECTRONICS-STD4NK60ZT4 Datasheet
970Kb / 28P
   N-channel 600 V, 1.76 廓, 4 A SuperMESH??Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STF5NK52ZD STMICROELECTRONICS-STF5NK52ZD Datasheet
777Kb / 17P
   N-channel 520 V,1.22 廓,4.4 A,TO-220,IPAK,I2PAK,DPAK,TO-220FP Zener-protected SuperMESH??Power MOSFET
September 2008 Rev 5
STD11NM60ND STMICROELECTRONICS-STD11NM60ND_10 Datasheet
756Kb / 19P
   N-channel 600 V, 0.37 廓, 10 A, FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
   N-channel 600 V - 1 廓 - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
   N-channel 55 V, 6.5 m廓, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET??III Power MOSFET
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
   N-channel 600 V, 0.85 ?? 4.6 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
January 2009 Rev 3
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com