전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A22364DGSR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5A22364DGSR
상세설명  0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A22364DGSR 데이터시트(HTML) 1 Page - Texas Instruments

  TS5A22364DGSR Datasheet HTML 1Page - Texas Instruments TS5A22364DGSR Datasheet HTML 2Page - Texas Instruments TS5A22364DGSR Datasheet HTML 3Page - Texas Instruments TS5A22364DGSR Datasheet HTML 4Page - Texas Instruments TS5A22364DGSR Datasheet HTML 5Page - Texas Instruments TS5A22364DGSR Datasheet HTML 6Page - Texas Instruments TS5A22364DGSR Datasheet HTML 7Page - Texas Instruments TS5A22364DGSR Datasheet HTML 8Page - Texas Instruments TS5A22364DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
FEATURES
APPLICATIONS
DRC PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
NO2
COM2
NC2
IN2
V
+
NO1
COM1
NC1
IN1
GND
DGS PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
NO2
COM2
NC2
IN2
V
+
NO1
COM1
NC1
IN1
GND
YZP PACKAGE
Laser Marking View
Bump View
B
C
D
3
2
1
A
B
C
D
1
2
3
A
DESCRIPTION/ORDERING INFORMATION
TS5A22362,, TS5A22364
0.65-
Ω DUAL SPDT ANALOG SWITCHES
WITH NEGATIVE SIGNALING CAPABILITY
SCDS261 – MARCH 2008
www.ti.com
• Specified Break-Before-Make Switching
• Negative Signaling Capability: Maximum
Swing From –2.75 V to 2.75 V (V+ = 2.75 V)
• Internal Shunt Switch Prevents Audible
Click-and-Pop When Switching Between Two
Sources (TS5A22364)
• Low ON-State Resistance (0.65 Ω Typical)
• Low Charge Injection
• Excellent ON-State Resistance Matching
• 2.3-V to 5.5-V Power Supply (V
+)
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
2500-V Human-Body Model
(A114-B, Class II)
1500-V Charged-Device Model (C101)
200-V Machine Model (A115-A)
• Cell Phones
• PDAs
• Portable Instrumentation
• Audio Routing
YZP PACKAGE TERMINAL ASSIGNMENTS
D
NO2
V+
NO1
C
COM2
COM1
B
NC2
NC1
A
IN2
GND
IN1
1
2
3
The TS5A22362 and TS5A22364 are single-pole double-throw (SPDT) analog switches designed to operate from
2.3 V to 5.5 V. The devices feature negative signal capability that allows signals below ground to pass through
the switch without distortion. Additionally, the TS5A22364 includes an internal shunt switch, which automatically
discharges any capacitance at the NC or NO terminals when they are unconnected to COM. This reduces the
audible click/pop noise when switching between two sources. The break-before-make feature prevents signal
distortion during the transferring of a signal from one path to another. Low ON-state resistance, excellent
channel-to-channel ON-state resistance matching, and minimal total harmonic distortion (THD) performance are
ideal for audio applications.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TS5A22364DGSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A22364DGSR TI-TS5A22364DGSR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DGSR TI-TS5A22364DGSR Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DGSR TI1-TS5A22364DGSR Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DGSR TI1-TS5A22364DGSR Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DGSRG4 TI-TS5A22364DGSRG4 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

유사한 설명 - TS5A22364DGSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com