전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A22364DRCR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5A22364DRCR
상세설명  0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A22364DRCR 데이터시트(HTML) 4 Page - Texas Instruments

  TS5A22364DRCR Datasheet HTML 1Page - Texas Instruments TS5A22364DRCR Datasheet HTML 2Page - Texas Instruments TS5A22364DRCR Datasheet HTML 3Page - Texas Instruments TS5A22364DRCR Datasheet HTML 4Page - Texas Instruments TS5A22364DRCR Datasheet HTML 5Page - Texas Instruments TS5A22364DRCR Datasheet HTML 6Page - Texas Instruments TS5A22364DRCR Datasheet HTML 7Page - Texas Instruments TS5A22364DRCR Datasheet HTML 8Page - Texas Instruments TS5A22364DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
ABSOLUTE MINIMUM AND MAXIMUM RATINGS
(1) (2)
THERMAL IMPEDANCE RATINGS
TS5A22362,, TS5A22364
0.65-
Ω DUAL SPDT ANALOG SWITCHES
WITH NEGATIVE SIGNALING CAPABILITY
SCDS261 – MARCH 2008
Table 1. INPUT/OUTPUT SIGNAL SWING
MINIMUM
MAXIMUM
SUPPLY VOLTAGE, V+
(VNC, VNO, VCOM) = V+ – 5.5
(VNC, VNO, VCOM) = V+
5.5 V
0 V
5.5 V
4.2 V
–1.3 V
4.2 V
3.3 V
–2.2 V
3.3 V
3 V
–2.5 V
3 V
2.5 V
–3 V
2.5 V
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6
V
VNC
VNO
Analog voltage range(3)(4)(5)
V+ – 6
V+ + 0.5
V
VCOM
II/OK
Analog port diode current
V+ < VNC, VNO, VCOM < 0
–50
50
mA
INC
ON-state switch current
–150
150
INO
VNC, VNO, VCOM = 0 to V+
mA
ON-state peak switch current(6)
–300
300
ICOM
VI
Digital input voltage range
–0.5
6.5
V
IIK
Digital input clamp current(3)(4)
VIO < VI < 0
–50
50
mA
I+
Continuous current through V+or GND
–100
100
mA
IGND
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration <10% duty cycle
UNIT
DGS package
56.5
θ
JA
Package thermal impedance(1)
DRC package
165.36
°C/W
YZP package
93
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TS5A22362 TS5A22364


유사한 부품 번호 - TS5A22364DRCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A22364DRCR TI-TS5A22364DRCR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DRCR TI-TS5A22364DRCR Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DRCR TI1-TS5A22364DRCR Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DRCR TI1-TS5A22364DRCR Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

유사한 설명 - TS5A22364DRCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com