전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4053 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74HC4053
상세설명  Triple 2-channel analog multiplexer/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74HC4053 Datasheet HTML 4Page - NXP Semiconductors 74HC4053 Datasheet HTML 5Page - NXP Semiconductors 74HC4053 Datasheet HTML 6Page - NXP Semiconductors 74HC4053 Datasheet HTML 7Page - NXP Semiconductors 74HC4053 Datasheet HTML 8Page - NXP Semiconductors 74HC4053 Datasheet HTML 9Page - NXP Semiconductors 74HC4053 Datasheet HTML 10Page - NXP Semiconductors 74HC4053 Datasheet HTML 11Page - NXP Semiconductors 74HC4053 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
December 1990
8
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer
74HC/HCT4053
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VEE
(V)
OTHER
+25
−40 to +85 −40 to +125
min
.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Vis to Vos
15
5
4
4
60
12
10
8
75
15
13
10
90
18
15
12
ns
2.0
4.5
6.0
4.5
0
0
0
−4.5
RL = ∞;
CL = 50 pF
(see Fig.18)
tPZH/ tPZL
turn “ON” time
E to Vos
60
20
16
15
220
44
37
31
275
55
47
39
330
66
56
47
ns
2.0
4.5
6.0
4.5
0
0
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPZH/ tPZL
turn “ON” time
Sn to Vos
75
25
20
15
220
44
37
31
275
55
47
39
330
66
56
47
ns
2.0
4.5
6.0
4.5
0
0
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPHZ/ tPLZ
turn “OFF” time
E to Vos
63
21
17
15
210
42
36
29
265
53
45
36
315
63
54
44
ns
2.0
4.5
6.0
4.5
0
0
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPHZ/ tPLZ
turn “OFF” time
Sn to Vos
60
20
16
15
210
42
36
29
265
53
45
36
315
63
54
44
ns
2.0
4.5
6.0
4.5
0
0
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)


유사한 부품 번호 - 74HC4053

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HC4053 PHILIPS-74HC4053 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Nexperia B.V. All right...
74HC4053 NEXPERIA-74HC4053 Datasheet
403Kb / 27P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 12 - 9 February 2023
logo
NXP Semiconductors
74HC4053-Q100 NXP-74HC4053-Q100 Datasheet
320Kb / 30P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 2-22 November 2012
More results

유사한 설명 - 74HC4053

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com