전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC4130 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 STC4130
상세설명  Synchronous Clock for SETS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

STC4130 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STC4130 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC4130 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC4130 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC4130 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC4130 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC4130 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC4130 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC4130 Datasheet HTML 9Page - List of Unclassifed Manufacturers STC4130 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Data Sheet #: TM084
Page 6 of 44
Rev: P02
Date: 12/5/06
© Copyright 200
6 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC4130
Synchronous Clock for SETS
Data Sheet
Absolute Maximum Ratings
Note 1: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Devices should not be operated outside the Recommended Operating Conditions.
Operating Conditions and Electrical Characteristics
Note 2: LVCMOS 3.3 compatible
Note 3: For Industrial Temperature Range (-40° to 85), Use part number STC4130-
I
Table 2: Absolute Maximum Ratings
Symbol
Parameter
Min.
Max
Units
Notes
Vdd33
Logic power supply voltage, 3.3V
-0.5
4.5
volts
1
Vdd18
Logic power supply voltage, 1.8V
-0.5
2.5
volts
1
VIN
Logic input voltage, rel. to GND
-0.5
5.5
volts
1
TSTG
Storage Temperature
-65
150
C
1
Table 3: Recommended Operating Conditions and Electrical Characteristics
Symbol
Parameter
Min.
Nominal
Max.
Units
Notes
Vdd33
3.3V digital power supply voltage
3.0
3.3
3.6
Volts
Vdd18
1.8V digital power supply voltage
1.65
1.8
1.95
Volts
VIH (3.3V)
High level input voltage
2.0
5.5
Volts
2
VIL (3.3V)
Low level input voltage
-0.3
0.8
Volts
2
VOH (3.3V)
High level output voltage (IOH = -12mA)
Vcc - 0.4
Vcc
Volts
2
VOL (3.3V)
Low level output voltage (IOL =12mA)
0
0.4
Volts
2
CIN
Input capacitance
8
pF
TRIP
Input reference signal positive pulse width
10
nS
TRIN
Input reference signal negative pulse width
10
nS
TA
Operating Ambient Temperature Range
0
70
C
3
Icc (Vcc)
3.3V digital supply current
80
mA
Icc (Vcc)
1.8V supply current
240
mA
Pd
Device power dissipation
W


유사한 부품 번호 - STC4130

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
STC4130-I CONNOR-WINFIELD-STC4130-I Datasheet
416Kb / 44P
   Synchronous Clock for SETS
More results

유사한 설명 - STC4130

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
   Synchronous Clock for SETS
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5455 CONNOR-WINFIELD-STC5455 Datasheet
919Kb / 56P
   Synchronous Clock for SETS
logo
List of Unclassifed Man...
734200-1 ETC2-734200-1 Datasheet
51Kb / 1P
   HNADTOL FOR CHANGEABLE DIE SETS
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 101P
   SETS for SyncE and OTN
February 22, 2022
logo
List of Unclassifed Man...
SCG4501 ETC2-SCG4501 Datasheet
1Mb / 16P
   Synchronous Clock Generators
logo
Connor-Winfield Corpora...
SCG3050 CONNOR-WINFIELD-SCG3050 Datasheet
795Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com