전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST108 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SST108
상세설명  N-Channel JFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST108 데이터시트(HTML) 1 Page - Vishay Siliconix

  SST108 Datasheet HTML 1Page - Vishay Siliconix SST108 Datasheet HTML 2Page - Vishay Siliconix SST108 Datasheet HTML 3Page - Vishay Siliconix SST108 Datasheet HTML 4Page - Vishay Siliconix SST108 Datasheet HTML 5Page - Vishay Siliconix SST108 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J/SST108 Series
Vishay Siliconix
Document Number: 70231
S-04028—Rev. E, 04-Jun-01
www.vishay.com
7-1
N–Channel JFETs
J108
SST108
J109
SST109
J110
SST110
PRODUCT SUMMARY
Part Number
VGS(off) (V)
rDS(on) Max (
W)
ID(off) Typ (pA)
tON Typ (ns)
J/SST108
–3 to –10
8
20
4
J/SST109
–2 to –6
12
20
4
J/SST110
–0.5 to –4
18
20
4
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: J108 <8 W
D Fast Switching—tON: 4 ns
D Low Leakage: 20 pA
D Low Capacitance: 11 pF
D Low Insertion Loss
D Low Error Voltage
D High-Speed Analog Circuit Performance
D Negligible “Off-Error” Excellent Accuracy
D Good Frequency Response
D Eliminates Additional Buffering
D Analog Switches
D Choppers
D Sample-and-Hold
D Normally “On” Switches
D Current Limiters
DESCRIPTION
The J/SST108 series is designed with high-performance
analog switching applications in mind. It features low
on-resistance, good off-isolation, and fast switching.
The SST108 series is comprised of surface-mount
devices featuring the lowest rDS(on) of any TO-236
(SOT-23) JFET device.
The TO-226AA (TO-92) plastic package provides a
low-cost option. Both the J and SST series are available
in tape-and-reel for automated assembly (see Packaging
Information).
For
similar
products
packaged
in
TO-206AC (TO-52), see the 2N5432/5433/5434 data
sheet.
D
S
G
TO-236
(SOT-23)
Top View
2
3
1
*Marking Code for TO-236
SST108 (I8)*
SST109 (I9)*
SST110 (I0)*
Top View
S
G
TO-226AA
(TO-92)
D
1
2
3
J108, J109, J110


유사한 부품 번호 - SST108

제조업체부품명데이터시트상세설명
logo
Calogic, LLC
SST108 CALOGIC-SST108 Datasheet
21Kb / 1P
   N-Channel JFET Switch
logo
Linear Integrated Syste...
SST108 LINEAR-SST108 Datasheet
300Kb / 2P
   LOW NOISE SINGLE N-CHANNEL JFET SWITCH
logo
Micross Components
SST108 MICROSS-SST108 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Siliconix SST108
logo
Vishay Siliconix
SST108-T1-E3 VISHAY-SST108-T1-E3 Datasheet
56Kb / 6P
   N–Channel JFETs
Rev. E, 04-Jun-01
logo
Micross Components
SST108_SOT-23 MICROSS-SST108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
More results

유사한 설명 - SST108

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com