전자부품 데이터시트 검색엔진 |
|
M29F800AT 데이터시트(PDF) 3 Page - STMicroelectronics |
|
M29F800AT 데이터시트(HTML) 3 Page - STMicroelectronics |
3 / 21 page 3/21 M29F800AT, M29F800AB The blocks in the memory are asymmetrically ar- ranged, see Tables 3A and 3B, Block Addresses. The first or last 64 Kbytes have been divided into four additional blocks. The 16 Kbyte Boot Block can be used for small initialization code to start the microprocessor, the two 8 Kbyte Parameter Blocks can be used for parameter storage and the remaining 32K is a small Main Block where the ap- plication may be stored. Chip Enable, Output Enable and Write Enable sig- nals control the bus operation of the memory. They allow simple connection to most micropro- cessors, often without additional logic. The memory is offered in TSOP48 (12 x 20mm) and SO44 packages. Access times of 70ns and 90ns are available. The memory is supplied with all the bits erased (set to ’1’). SIGNAL DESCRIPTIONS See Figure 1, Logic Diagram, and Table 1, Signal Names, for a brief overview of the signals connect- ed to this device. Address Inputs (A0-A18). The Address Inputs select the cells in the memory array to access dur- ing Bus Read operations. During Bus Write opera- tions they control the commands sent to the Command Interface of the internal state machine. Data Inputs/Outputs (DQ0-DQ7). The Data In- puts/Outputs output the data stored at the selected address during a Bus Read operation. During Bus Write operations they represent the commands sent to the Command Interface of the internal state machine. Data Inputs/Outputs (DQ8-DQ14). The Data In- puts/Outputs output the data stored at the selected address during a Bus Read operation when BYTE is High, VIH. When BYTE is Low, VIL, these pins are not used and are high impedance. During Bus Write operations the Command Register does not use these bits. When reading the Status Register these bits should be ignored. Data Input/Output or Address Input (DQ15A-1). When BYTE is High, VIH, this pin behaves as a Data Input/Output pin (as DQ8-DQ14). When BYTE is Low, VIL, this pin behaves as an address pin; DQ15A–1 Low will select the LSB of the Word on the other addresses, DQ15A–1 High will select the MSB. Throughout the text consider references to the Data Input/Output to include this pin when BYTE is High and references to the Address In- puts to include this pin when BYTE is Low except when stated explicitly otherwise. Table 2. Absolute Maximum Ratings (1) Note: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi- tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual- ity documents. 2. Minimum Voltage may undershoot to –2V during transition and for less than 20ns during transitions. Symbol Parameter Value Unit TA Ambient Operating Temperature (Temperature Range Option 1) 0 to 70 °C Ambient Operating Temperature (Temperature Range Option 6) –40 to 85 °C Ambient Operating Temperature (Temperature Range Option 3) –40 to 125 °C TBIAS Temperature Under Bias –50 to 125 °C TSTG Storage Temperature –65 to 150 °C VIO (2) Input or Output Voltage –0.6 to 6 V VCC Supply Voltage –0.6 to 6 V VID Identification Voltage –0.6 to 13.5 V |
유사한 부품 번호 - M29F800AT |
|
유사한 설명 - M29F800AT |