전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HCT245N 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HCT245N
상세설명  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT245N 데이터시트(HTML) 3 Page - Texas Instruments

  SN74HCT245N Datasheet HTML 1Page - Texas Instruments SN74HCT245N Datasheet HTML 2Page - Texas Instruments SN74HCT245N Datasheet HTML 3Page - Texas Instruments SN74HCT245N Datasheet HTML 4Page - Texas Instruments SN74HCT245N Datasheet HTML 5Page - Texas Instruments SN74HCT245N Datasheet HTML 6Page - Texas Instruments SN74HCT245N Datasheet HTML 7Page - Texas Instruments SN74HCT245N Datasheet HTML 8Page - Texas Instruments SN74HCT245N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN54HCT245, SN74HCT245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCLS020E – MARCH 1984 – REVISED AUGUST 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54HCT245
SN74HCT245
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
VCC = 4.5 V to 5.5 V
2
2
V
VIL
Low-level input voltage
VCC = 4.5 V to 5.5 V
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
∆t/∆v
Input transition rise/fall time
500
500
ns
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HCT245
SN74HCT245
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
4.5 V
4.4
4.499
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = –6 mA
4.5 V
3.98
4.3
3.7
3.84
V
VOL
VI = VIH or VIL
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
V
II
DIR or OE
VI = VCC or 0
5.5 V
±0.1
±100
±1000
±1000
nA
IOZ
A or B
VO = VCC or 0
5.5 V
±0.01
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
80
µA
∆ICC†
One input at 0.5 V or 2.4 V,
Other inputs at 0 or VCC
5.5 V
1.4
2.4
3
2.9
mA
Ci‡
DIR or OE
4.5 V
to 5.5 V
3
10
10
10
pF
† This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.
‡ Parameter Ci does not apply to transceiver I/O ports.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT245
SN74HCT245
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
B or A
4.5 V
16
22
33
28
ns
tpd
A or B
B or A
5.5 V
14
20
30
25
ns
ten
OE
A or B
4.5 V
25
46
69
58
ns
ten
OE
A or B
5.5 V
22
41
62
52
ns
tdis
OE
A or B
4.5 V
26
40
60
50
ns
tdis
OE
A or B
5.5 V
23
36
54
45
ns
tt
A or B
4.5 V
9
12
18
15
ns
tt
A or B
5.5 V
8
11
16
14
ns


유사한 부품 번호 - SN74HCT245N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HCT245N TI-SN74HCT245N Datasheet
95Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245N TI-SN74HCT245N Datasheet
675Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245N TI1-SN74HCT245N Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245N TI-SN74HCT245N Datasheet
1Mb / 35P
[Old version datasheet]   SNx4HCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74HCT245N3 TI-SN74HCT245N3 Datasheet
95Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74HCT245N

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com