전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS240A-1DWR 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74ALS240A-1DWR
상세설명  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS240A-1DWR 데이터시트(HTML) 5 Page - Texas Instruments

  SN74ALS240A-1DWR Datasheet HTML 1Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 2Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 3Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 4Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 5Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 6Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 7Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 8Page - Texas Instruments SN74ALS240A-1DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN54ALS240A, SN54AS240A, SN74ALS240A, SN74AS240A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SDAS214E – DECEMBER 1982 – REVISED AUGUST 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS240A
SN74AS240A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VCC =4 5Vto5 5V
IOH = – 2 mA
VCC – 2
VCC – 2
VOH
VCC = 4.5 V to 5.5 V
IOH = – 3 mA
2.4
3.4
2.4
3.4
V
VOH
VCC =4 5V
IOH = – 12 mA
2.4
V
VCC = 4.5 V
IOH = – 15 mA
2.4
VOL
VCC =4 5V
IOL = 48 mA
0.27
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.31
0.55
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
– 50
– 50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
A inputs
VCC =5 5V
VI =0 4V
– 1
– 1
mA
IIL
OE inputs
VCC = 5.5 V,
VI = 0.4 V
– 0.5
– 0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
– 50
– 150
– 50
– 150
mA
Outputs high
11
17
11
17
ICC
VCC = 5.5 V
Outputs low
51
75
51
75
mA
Outputs disabled
24
38
24
38
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX§
UNIT
SN54ALS240A
SN74ALS240A
MIN
MAX
MIN
MAX
tPLH
A
Y
2
22
2
9
ns
tPHL
A
Y
2
11
2
9
ns
tPZH
OE
Y
4
34
5
13
ns
tPZL
OE
Y
5
26
5
18
ns
tPHZ
OE
Y
1
15
2
10
ns
tPLZ
OE
Y
3
24
3
12
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


유사한 부품 번호 - SN74ALS240A-1DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS240A-1DWR TI-SN74ALS240A-1DWR Datasheet
537Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240A-1DWR TI-SN74ALS240A-1DWR Datasheet
592Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240A-1DWR TI1-SN74ALS240A-1DWR Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240A-1DWRE4 TI-SN74ALS240A-1DWRE4 Datasheet
537Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS240A-1DWRE4 TI-SN74ALS240A-1DWRE4 Datasheet
592Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALS240A-1DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com