전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CB3Q3257RGYR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CB3Q3257RGYR
상세설명  4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3257RGYR 데이터시트(HTML) 4 Page - Texas Instruments

  SN74CB3Q3257RGYR Datasheet HTML 1Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 2Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74CB3Q3257
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS135A – SEPTEMBER 2003 – REVISED MARCH 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VIN
Control input voltage range(2)(3)
–0.5
7
V
VI/O
Switch I/O voltage range(2)(3)(4)
–0.5
7
V
IIK
Control input clamp current
VIN < 0
–50
mA
II/OK
I/O port clamp current
VI/O < 0
–50
mA
IIO
ON-state switch current
±64
mA
Continuous current through VCC or GND
±100
mA
D package(5)
73
DB package(5)
82
DBQ package(5)
90
θ
JA
Package thermal impedance
°C/W
DGV package(5)
120
PW package(5)
108
RGY package(6)
39
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
(6)
The package thermal impedance is calculated in accordance with JESD 51-5.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VCC = 2.3 V to 2.7 V
1.7
5.5
VIH
High-level control input voltage
V
VCC = 2.7 V to 3.6 V
2
5.5
VCC = 2.3 V to 2.7 V
0
0.7
VIL
Low-level control input voltage
V
VCC = 2.7 V to 3.6 V
0
0.8
VI/O
Data input/output voltage
0
5.5
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


유사한 부품 번호 - SN74CB3Q3257RGYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3Q3257RGYR TI-SN74CB3Q3257RGYR Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CB3Q3257RGYR TI-SN74CB3Q3257RGYR Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257RGYR TI1-SN74CB3Q3257RGYR Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results

유사한 설명 - SN74CB3Q3257RGYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
ADG3248 AD-ADG3248 Datasheet
172Kb / 12P
   2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249 Datasheet
220Kb / 12P
   2.5 V/3.3 V, 2:1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com