전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP126 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 TIP126
상세설명  Darlington Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TIP126 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  TIP126 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP126 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP126 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP126 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIP126 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIP126 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP120, 121, 122, 125, 126, 127
Darlington Transistors
Page 4
30/05/05 V1.0
There are two limitations on the power handling ability of a transistor:
average junction temperature and second breakdown safe operating
area curves indicate Ic-VCE limits of the transistor that must not be
subjected to greater dissipation than the curves indicate.
The data of Figure - 6 is based on TJ(PK) = 150°C;Tc is variable
depending on power level. Second breakdown pulse limits are valid for
duty cycles to 10% provided TJ(PK) ≤150°C, At high case
temperatures, thermal limitation will reduce the power that can be
handled to values less than the limitations imposed by second
breakdown.
FIGURE - 7 DC CURRENT GAIN
FIGURE - 8 COLLECTOR SATURATION REGION
FIGURE - 6 ACTIVE REGION SAFE OPERATING AREA


유사한 부품 번호 - TIP126

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
TIP126 MOSPEC-TIP126 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Nanjing International G...
TIP126 DGNJDZ-TIP126 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
TIP126 TEL-TIP126 Datasheet
57Kb / 1P
   Plastic-Encapsulated Transistors
logo
Micro Commercial Compon...
TIP126 MCC-TIP126 Datasheet
224Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
Motorola, Inc
TIP126 MOTOROLA-TIP126 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
More results

유사한 설명 - TIP126

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
logo
First Silicon Co., Ltd
MMBTA64 FS-MMBTA64 Datasheet
244Kb / 3P
   Darlington Transistors
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
111Kb / 8P
   Darlington Transistors
February, 2001 ??Rev.1
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
   Darlington Transistors
March, 2001 ??Rev. 1
BC517 ONSEMI-BC517_07 Datasheet
82Kb / 6P
   Darlington Transistors
March, 2007 ??Rev. 4
MMBTA63LT1G ONSEMI-MMBTA63LT1G_09 Datasheet
131Kb / 4P
   Darlington Transistors
August, 2009 ??Rev. 4
logo
Leshan Radio Company
LMBTA64LT1G LRC-LMBTA64LT1G Datasheet
131Kb / 3P
   Darlington Transistors
logo
First Silicon Co., Ltd
MMBT6427 FS-MMBT6427 Datasheet
283Kb / 6P
   Darlington Transistors
logo
Motorola, Inc
BC618 MOTOROLA-BC618 Datasheet
208Kb / 6P
   Darlington Transistors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com