전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS1010A 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74ALS1010A
상세설명  TRIPLE 3-INPUT POSITIVE-NAND BUFFERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS1010A 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ALS1010A Datasheet HTML 1Page - Texas Instruments SN74ALS1010A Datasheet HTML 2Page - Texas Instruments SN74ALS1010A Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SN54ALS1010A, SN74ALS1010A
TRIPLE 3INPUT POSITIVENAND BUFFERS
SDAS075A − D2661, APRIL 1982 − REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1986, Texas Instruments Incorporated
1
Buffer Version of ’ALS10A
Package Options include Plastic Small
Outline DIPs and Ceramic Chip Carriers in
Addition to the Standard 300-mil Plastic
and Ceramic DIPs.
Dependable Texas Instruments Quality and
Reliability
description
These devices contain three independent 3-input
NAND buffers.
They
perform
the
Boolean
functions Y = A
⋅B⋅C or Y = A+B+C in positive logic.
The SN54ALS1010A is characterized for opera-
tion over the full military temperature range of
−55
°C to 125°C. The SN74ALS1010A is
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
Y
H
H
H
L
L
XX
H
X
LX
H
X
X
L
H
logic symbol
1A
1
1B
2
3
2A
13
1C
5
2C
4
2B
10
3B
9
3A
11
3C
12
1Y
2Y
6
3Y
8
&
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for D, J, and N packages.
1A
1B
1C
1Y
2Y
2C
2B
2A
3Y
3C
3B
3A
logic diagram (positive logic)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
SN54ALS1010A ...J PACKAGE
SN74ALS1010A . . . D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y
NC
3C
NC
3B
2A
NC
2B
NC
2C
SN54ALS1010A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - SN74ALS1010A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS10 TI1-SN74ALS10 Datasheet
814Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ALS1000A TI-SN74ALS1000A Datasheet
56Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74ALS1000AD TI-SN74ALS1000AD Datasheet
56Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74ALS1000AN TI-SN74ALS1000AN Datasheet
56Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74ALS1002A TI-SN74ALS1002A Datasheet
43Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
More results

유사한 설명 - SN74ALS1010A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS1010A TI-SN54ALS1010A Datasheet
45Kb / 3P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND BUFFERS
SN5410 TI-SN5410 Datasheet
597Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74LV10A HITACHI-HD74LV10A Datasheet
54Kb / 12P
   Triple 3-input Positive NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A Datasheet
95Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54AC10 TI-SN54AC10 Datasheet
81Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54F10 TI1-SN54F10_15 Datasheet
774Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LV10A RENESAS-HD74LV10A Datasheet
68Kb / 8P
   Triple 3-input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10_07 Datasheet
664Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com