전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVTH16374GRE4 데이터시트(PDF) 11 Page - Texas Instruments

부품명 74ALVTH16374GRE4
상세설명  2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74ALVTH16374GRE4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button 74ALVTH16374GRE4 Datasheet HTML 7Page - Texas Instruments 74ALVTH16374GRE4 Datasheet HTML 8Page - Texas Instruments 74ALVTH16374GRE4 Datasheet HTML 9Page - Texas Instruments 74ALVTH16374GRE4 Datasheet HTML 10Page - Texas Instruments 74ALVTH16374GRE4 Datasheet HTML 11Page - Texas Instruments 74ALVTH16374GRE4 Datasheet HTML 12Page - Texas Instruments 74ALVTH16374GRE4 Datasheet HTML 13Page - Texas Instruments 74ALVTH16374GRE4 Datasheet HTML 14Page - Texas Instruments 74ALVTH16374GRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
t
h
t
su
FromOutput
UnderTest
C =50pF
(seeNote A)
L
LOADCIRCUIT
S1
6V
Open
GND
500 W
Data
Input
Timing
Input
0V
0V
0V
Input
Output
Waveform1
S1at6V
(seeNoteB)
Output
Waveform2
S1atGND
(seeNoteB)
V
OL
V
OH
0V
»0V
Output
t
/t
PLH
PHL
Open
TEST
S1
Output
Control
1.5V
1.5V
1.5V
1.5V
1.5V
500 W
6V
t
/t
PLZ
PZL
GND
t
/t
PHZ
PZH
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
NOTES: A. C includesprobeandjigcapacitance.
B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,t
2.5ns,
t
2.5ns.
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
L
O
r
f
£
W
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
3V
3V
3V
1.5V
1.5V
3V
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– 0.3V
OH
V
+0.3V
OL
1.5V
1.5V
V
OL
3V
V
OH
1.5V
1.5V
t
PLH
t
PHL
0V
t
W
Input
VOLTAGEWAVEFORMS
PULSEDURATION
1.5V
1.5V
3V
SN54ALVTH16374,, SN74ALVTH16374
2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCES068G – JUNE 1996 – REVISED NOVEMBER 2006
V
CC = 3.3 V ±0.3 V
Figure 2. Load Circuit and Voltage Waveforms
11
Submit Documentation Feedback


유사한 부품 번호 - 74ALVTH16374GRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ALVTH16374GRE4 TI-74ALVTH16374GRE4 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ALVTH16374GRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALVTH16374 TI-SN54ALVTH16374 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374_08 Datasheet
520Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374 Datasheet
179Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH32374ZKER TI-74ALVTH32374ZKER Datasheet
888Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI1-SN54LVTH162374_14 Datasheet
942Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374_07 Datasheet
599Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN54LVT574 TI-SN54LVT574 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com