전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ELS-315SYGWA 데이터시트(PDF) 3 Page - Everlight Electronics Co., Ltd

부품명 ELS-315SYGWA
상세설명  0.36 Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-315SYGWA 데이터시트(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELS-315SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-315SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-315SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-315SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-315SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-315SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.36" Single Digit Displays
ELS-315SYGWA/S530-E2
█ Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature *
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Note: *Soldering time ≦ 5 seconds.
█ Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
----
1.3
----
mcd
IF=2mA
Luminous
2.0
3.2
----
mcd
IF=10mA
----
0.3
----
mcd
IF=2mA
0.45
0.8
----
mcd
IF=10mA
Peak Wavelength
λp
----
575
----
nm
IF=20mA
Dominant Wavelength
λd
----
573
----
nm
IF=20mA
△λ
----
20
----
nm
IF=20mA
Forward Voltage
VF
-----
2.0
2.4
V
IF=20mA
Reverse Current
IR
----
----
100
μA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD. http : //www.everlight.com
Rev. : 2
Page: 3 of 6
Device Number : CDDS-315-014
Prepared date:2006/10/18
Prepared by: YanLi Zhong
Iv
Spectrum Radiation
Bandwidth
Intensity
Per segment
Per decimal point


유사한 부품 번호 - ELS-315SYGWA

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
ELS-315SYGWA-S530-E2 EVERLIGHT-ELS-315SYGWA-S530-E2 Datasheet
115Kb / 6P
   0.36" Single Digit Displays
More results

유사한 설명 - ELS-315SYGWA

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
ELS-315SURWA-S530-A3 EVERLIGHT-ELS-315SURWA-S530-A3 Datasheet
125Kb / 7P
   0.36" Single Digit Displays
ELS-316USOWA EVERLIGHT-ELS-316USOWA Datasheet
113Kb / 6P
   0.36 Single Digit Displays
ELS-315SURWA EVERLIGHT-ELS-315SURWA Datasheet
120Kb / 7P
   0.36 Single Digit Displays
ELS-316SURWA EVERLIGHT-ELS-316SURWA Datasheet
122Kb / 7P
   0.36 Single Digit Displays
ELS-316SYGWA EVERLIGHT-ELS-316SYGWA Datasheet
114Kb / 6P
   0.36 Single Digit Displays
ELS-315SYGWA-S530-E2 EVERLIGHT-ELS-315SYGWA-S530-E2 Datasheet
115Kb / 6P
   0.36" Single Digit Displays
logo
Micro Electronics
MG136A-3 MICRO-ELECTRONICS-MG136A-3 Datasheet
56Kb / 2P
   0.36 SINGLE DIGIT NUMBERIC DISPLAYS
MU336A MICRO-ELECTRONICS-MU336A Datasheet
71Kb / 2P
   0.36 SINGLE DIGIT NUMBERIC DISPLAYS
MU136A-NP MICRO-ELECTRONICS-MU136A-NP Datasheet
59Kb / 2P
   0.36 SINGLE DIGIT NUMBERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-367P LITEON-LTS-367P Datasheet
581Kb / 4P
   0.36 Single Digit Numeric LED Displays
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com