전자부품 데이터시트 검색엔진 |
|
SN74HC368DT 데이터시트(PDF) 3 Page - Texas Instruments |
|
SN74HC368DT 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 18 page SN54HC368, SN74HC368 HEX INVERTING BUFFERS AND LINE DRIVERS WITH 3STATE OUTPUTS SCLS310D − JANUARY 1996 −REVISED OCTOBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54HC368 SN74HC368 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 2 5 6 2 5 6 V VCC = 2 V 1.5 1.5 VIH High-level input voltage VCC = 4.5 V 3.15 3.15 V VIH High-level input voltage VCC = 6 V 4.2 4.2 V VCC = 2 V 0.5 0.5 VIL Low-level input voltage VCC = 4.5 V 1.35 1.35 V VIL Low-level input voltage VCC = 6 V 1.8 1.8 V VI Input voltage 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC V VCC = 2 V 1000 1000 ∆t/∆v Input transition rise/fall time VCC = 4.5 V 500 500 ns ∆t/∆v Input transition rise/fall time VCC = 6 V 400 400 ns TA Operating free-air temperature −55 125 −40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54HC368 SN74HC368 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 1.9 1.998 1.9 1.9 IOH = −20 µA 4.5 V 4.4 4.499 4.4 4.4 VOH VI = VIH or VIL IOH = −20 µA 6 V 5.9 5.999 5.9 5.9 V VOH VI = VIH or VIL IOH = −6 mA 4.5 V 3.98 4.3 3.7 3.84 V IOH = −7.8 mA 6 V 5.48 5.8 5.2 5.34 2 V 0.002 0.1 0.1 0.1 IOL = 20 µA 4.5 V 0.001 0.1 0.1 0.1 VOL VI = VIH or VIL IOL = 20 µA 6 V 0.001 0.1 0.1 0.1 V VOL VI = VIH or VIL IOL = 6 mA 4.5 V 0.17 0.26 0.4 0.33 V IOL = 7.8 mA 6 V 0.15 0.26 0.4 0.33 II VI = VCC or 0 6 V ±0.1 ±100 ±1000 ±1000 nA IOZ VO = VCC or 0 6 V ±0.01 ±0.5 ±10 ±5 µA ICC VI = VCC or 0, IO = 0 6 V 8 160 80 µA Ci 2 V to 6 V 3 10 10 10 pF |
유사한 부품 번호 - SN74HC368DT |
|
유사한 설명 - SN74HC368DT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |