전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTU4411 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBTU4411
상세설명  11-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 1.8-V DDR-II SWITCH WITH CHARGE PUMP AND PRECHARGED OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTU4411 데이터시트(HTML) 5 Page - Texas Instruments

  SN74CBTU4411 Datasheet HTML 1Page - Texas Instruments SN74CBTU4411 Datasheet HTML 2Page - Texas Instruments SN74CBTU4411 Datasheet HTML 3Page - Texas Instruments SN74CBTU4411 Datasheet HTML 4Page - Texas Instruments SN74CBTU4411 Datasheet HTML 5Page - Texas Instruments SN74CBTU4411 Datasheet HTML 6Page - Texas Instruments SN74CBTU4411 Datasheet HTML 7Page - Texas Instruments SN74CBTU4411 Datasheet HTML 8Page - Texas Instruments SN74CBTU4411 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74CBTU4411
11BIT 1OF4 FET MULTIPLEXER/DEMULTIPLEXER
1.8V DDRII SWITCH WITH CHARGE PUMP AND PRECHARGED OUTPUTS
SCDS192 − APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
simplified schematic, each FET switch (SW1)
H†
EN¶
D‡
† Applicable for ports H0 through H9
‡ Applicable for ports D0 through D9
§ r3 + ron (M3) = 400 Ω Typical.
¶ EN is the internal enable signal applied to the switch.
Charge
Pump
VDD
VBIAS
M3§
r3§
simplified schematic, each FET switch (SW2)
H10
EN1#
D10
# EN_DQS1, EN_DQS2, EN1, and EN2 are the internal enable signals applied to the switch.
|| r4 + ron (M4) = 1 kΩ Typical.
k r
5 + ron (M5) = 400 Ω Typical.
h r
6 + ron (M6) = 2.3 kΩ Typical.
Charge
Pump
VDD
EN2#
VBIAS_DQS
VDD
VBIAS
M4||
r4||
EN_DQS1#
M6
h
r6h
M5
k
r5k
EN_DQS2#


유사한 부품 번호 - SN74CBTU4411

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTU4411ZSTR TI1-SN74CBTU4411ZSTR Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
More results

유사한 설명 - SN74CBTU4411

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74CB3Q3257 NEXPERIA-74CB3Q3257 Datasheet
218Kb / 17P
   4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump
74CB3Q3257-Q100 NEXPERIA-74CB3Q3257-Q100 Datasheet
217Kb / 13P
   4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump
Rev. 1 - 20 February 2019
74CB3Q3253 NEXPERIA-74CB3Q3253 Datasheet
220Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer with charge pump
logo
NXP Semiconductors
CBT6832C PHILIPS-CBT6832C Datasheet
67Kb / 8P
   16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Jul 18
CBT6832D PHILIPS-CBT6832D Datasheet
67Kb / 8P
   16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Sep 01
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com