전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS68332DESC02ZC 데이터시트(PDF) 3 Page - ATMEL Corporation

부품명 TS68332DESC02ZC
상세설명  High Highperformance 32-bit Integrated Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332DESC02ZC 데이터시트(HTML) 3 Page - ATMEL Corporation

  TS68332DESC02ZC Datasheet HTML 1Page - ATMEL Corporation TS68332DESC02ZC Datasheet HTML 2Page - ATMEL Corporation TS68332DESC02ZC Datasheet HTML 3Page - ATMEL Corporation TS68332DESC02ZC Datasheet HTML 4Page - ATMEL Corporation TS68332DESC02ZC Datasheet HTML 5Page - ATMEL Corporation TS68332DESC02ZC Datasheet HTML 6Page - ATMEL Corporation TS68332DESC02ZC Datasheet HTML 7Page - ATMEL Corporation TS68332DESC02ZC Datasheet HTML 8Page - ATMEL Corporation TS68332DESC02ZC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
3
2118A–HIREL–11/05
TS68332
Figure 2-1.
Block Diagram of TS68332
QS5/PCS2
PQS7/TXD
PQS4/PCS1
PQS6/PCS3
CPU 32
QSM
IMB
TPU
PQS0/MISO
PQS1/MOSI
PQS2/SCK
TXD
PCS2
SCK
MISO
MOSI
PCS1
PQS3/PCS0/SS
PCS0/SS
RXD
PCS3
BKPT/DSCLK
IFETCH/DSI
IPIPE/DSO
IRQ[7:1]
ADDR[23:0]
FC2
FC1
FC0
BG
BR
BGACK
MODCLK
CLOCK
EBI
CS[10:0]
BR/CS0
BG/CS1
BGACK/CS2
R/W
RESET
HALT
BERR
CLKOUT
XTAL
EXTAL
CHIP
SELECTS
CSBOOT
ADDR[18:0]
DATA[15:0]
DATA[15:0]
QUOT
TEST
FREEZE/QUOT
TSC
TSC
PC0/FC0/CS3
PC1/FC1/CS4
PC2/FC2/CS5
PC3/ADDR19/CS6
PC4/ADDR20/CS7
PC5/ADDR21/CS8
PC6/ADDR22/CS9
ADDR23/CS10
PF7/IRQ7
PF6/IRQ6
PF5/IRQ5
PF4/IRQ4
PF3/IRQ3
PF2/IRQ2
PF1/IRQ1
PF0/MODCLK
SIZ1
PE7/SIZ1
SIZ0
PE6/SIZ0
DSACK0
PE0/DSACK0
DSACK1
PE1/DSACK1
AVEC
PE2/AVEC
PE3/RMC
DS
PE5/DS
RMC
PE4/AS
T2CLK
T2CLK
TPUCH[15:0]
TPUCH[15:0]
XFC
VDDSYN
2 KBYTES
RAM
VSTBY
AS


유사한 부품 번호 - TS68332DESC02ZC

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TS68332DESC02ZC ATMEL-TS68332DESC02ZC Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

유사한 설명 - TS68332DESC02ZC

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com