전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS30AD 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALS30AD
상세설명  8-INPUT POSITIVE-NAND GATES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS30AD 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ALS30AD Datasheet HTML 1Page - Texas Instruments SN74ALS30AD Datasheet HTML 2Page - Texas Instruments SN74ALS30AD Datasheet HTML 3Page - Texas Instruments SN74ALS30AD Datasheet HTML 4Page - Texas Instruments SN74ALS30AD Datasheet HTML 5Page - Texas Instruments SN74ALS30AD Datasheet HTML 6Page - Texas Instruments SN74ALS30AD Datasheet HTML 7Page - Texas Instruments SN74ALS30AD Datasheet HTML 8Page - Texas Instruments SN74ALS30AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54ALS30A, SN54AS30, SN74ALS30A, SN74AS30
8-INPUT POSITIVE-NAND GATES
SDAS010C – MARCH 1984 – REVISED NOVEMBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description
These devices contain an 8-input positive-NAND
gate and perform the following Boolean functions
in positive logic:
Y = A
• B • C • D • E • F • G • H or
Y = A + B + C + D + E + F + G + H
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP
N
Tube
SN74ALS30AN
SN74ALS30AN
PDIP – N
Tube
SN74AS30N
SN74AS30N
Tube
SN74ALS30AD
ALS30A
0
°C to 70°C
SOIC
D
Tape and reel
SN74ALS30AD
ALS30A
SOIC – D
Tube
SN74AS30D
AS30
Tape and reel
SN74AS30D
AS30
SSOP – DB
Tape and reel
SN74AS30DBR
AS30
CDIP
J
Tube
SNJ54ALS30AJ
SNJ54ALS30AJ
55
°Cto125°C
CDIP – J
Tube
SNJ54AS30J
SNJ54AS30J
–55
°C to 125°C
LCCC
FK
Tube
SNJ54ALS30AFK
SNJ54ALS30AFK
LCCC – FK
Tube
SNJ54AS30FK
SNJ54AS30FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54ALS30A, SN54AS30 . . . J PACKAGE
SN74ALS30A, SN74AS30 ...D OR N PACKAGE
SN74AS30 . . . DB PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
C
D
E
F
GND
VCC
NC
H
G
NC
NC
Y
SN54ALS30A, SN54AS30 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
H
NC
G
NC
NC
C
NC
D
NC
E
NC – No internal connection


유사한 부품 번호 - SN74ALS30AD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS30AD TI-SN74ALS30AD Datasheet
94Kb / 6P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN74ALS30AD TI-SN74ALS30AD Datasheet
574Kb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN74ALS30AD TI1-SN74ALS30AD Datasheet
1Mb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN74ALS30AD TI1-SN74ALS30AD Datasheet
1Mb / 21P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN74ALS30ADB TI1-SN74ALS30ADB Datasheet
1Mb / 21P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results

유사한 설명 - SN74ALS30AD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54F30 TI-SN54F30 Datasheet
68Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54AC11030 TI1-54AC11030_09 Datasheet
81Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_07 Datasheet
574Kb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN5430 TI-SN5430 Datasheet
621Kb / 15P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54ACT11030 TI1-54ACT11030_12 Datasheet
393Kb / 7P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54ACT11030 TI-54ACT11030 Datasheet
63Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
REVISED APRIL 1993
SNJ54F30 TI-SNJ54F30 Datasheet
777Kb / 16P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A Datasheet
94Kb / 6P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_18 Datasheet
1Mb / 21P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com