전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDH2-433-9 데이터시트(PDF) 11 Page - Radiometrix Ltd

부품명 TDH2-433-9
상세설명  UHF Multi Channel Hi Power Radio Modem
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RADIOMETRIX [Radiometrix Ltd]
홈페이지  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TDH2-433-9 데이터시트(HTML) 11 Page - Radiometrix Ltd

Back Button TDH2-433-9 Datasheet HTML 3Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 4Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 5Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 6Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 7Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 8Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 9Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 10Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Radiometrix Ltd
Hartcran House
231 Kenton Lane
Harrow, Middlesex
HA3 8RP
ENGLAND
Tel: +44 (0) 20 8909 9595
Fax: +44 (0) 20 8909 2233
sales@radiometrix.com
www.radiometrix.com
Copyright notice
This product data sheet is the original work and copyrighted property of Radiometrix Ltd. Reproduction in whole or
in part must give clear acknowledgement to the copyright owner.
Limitation of liability
The information furnished by Radiometrix Ltd is believed to be accurate and reliable. Radiometrix Ltd reserves the
right to make changes or improvements in the design, specification or manufacture of its subassembly products
without notice. Radiometrix Ltd does not assume any liability arising from the application or use of any product or
circuit described herein, nor for any infringements of patents or other rights of third parties which may result from
the use of its products. This data sheet neither states nor implies warranty of any kind, including fitness for any
particular application. These radio devices may be subject to radio interference and may not function as intended if
interference is present. We do NOT recommend their use for life critical applications.
The Intrastat commodity code for all our modules is: 8542 6000.
R&TTE Directive
After 7 April 2001 the manufacturer can only place finished product on the market under the provisions of the
R&TTE Directive. Equipment within the scope of the R&TTE Directive may demonstrate compliance to the
essential requirements specified in Article 3 of the Directive, as appropriate to the particular equipment.
Further details are available on The Office of Communications (Ofcom) web site:
http://www.ofcom.org.uk/radiocomms/ifi/
Information Requests
Ofcom
Riverside House
2a Southwark Bridge Road
London SE1 9HA
Tel: +44 (0)845 456 3000 or 020 7981 3040
Fax: +44 (0)20 7783 4033
information.requests@ofcom.org.uk
European Radiocommunications Office (ERO)
Peblingehus
Nansensgade 19
DK 1366 Copenhagen
Tel. +45 33896300
Fax +45 33896330
ero@ero.dk
www.ero.dk


유사한 부품 번호 - TDH2-433-9

제조업체부품명데이터시트상세설명
logo
Radiometrix Ltd
TDH2-433-9 RADIOMETRIX-TDH2-433-9 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
More results

유사한 설명 - TDH2-433-9

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
TDH2 RADIOMETRIX-TDH2 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
   UHF NBFM multi channel RS232 radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com