전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX2 데이터시트(Datasheet) 5 Page - Radiometrix Ltd

부품명 KTX2
상세내용  UHF FM Code-Hopping Data Transmitter Module
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RADIOMETRIX [Radiometrix Ltd]
홈페이지  http://www.radiometrix.com
Logo 

   
 5 page
background image
Radiometrix Ltd, KTX2 Data Sheet
page 5
Power supply requirement
The KTX2 module incorporates a built-in regulator which delivers a constant 2.8V supply to the RF
circuitry when the external supply voltage is 2.85V or greater, with 40dB or more of supply ripple
rejection. This ensures constant performance up to the maximum permitted supply rail and removes the
need for external supply decoupling except in cases where the supply rail is extremely poor (ripple/noise
content >0.1Vp-p).
Note, however, that for supply voltages lower than 2.85V the regulator is effectively inoperative and
supply ripple rejection is considerably reduced. Under these conditions the ripple/noise on the supply rail
should be below 10mVp-p to avoid problems. If the quality of the supply is in doubt, it is recommended
that a 10
µF low-ESR tantalum or similar capacitor be added between the module supply pin (Vcc) and
ground, together with a 10
Ω series feed resistor between the Vcc pin and the supply rail.
The module current in standby mode (Vcc applied, S0, S1, S2, S3 all at 0V) is less than 1
µA.
The KTX2 incorporates a low voltage shutoff circuit, which prevents any possibility of erratic operation by
disabling the RF output if the supply voltage drops below 2.2V (±5%). This feature is self-resetting, i.e.
restoring the supply to greater than 2.2V will immediately restore RF output from the module.
Module mounting considerations
The module may be mounted vertically or bent horizontal to the motherboard. Good RF layout practice
should be observed – in particular, any ground return required by the antenna or feed should be connected
directly to the RF GND pin at the antenna end of the module, and not to the OV pin which is intended as
a DC ground only. All connecting tracks should be kept as short as possible to avoid any problems with
stray RF pickup.
If the connection between module and antenna does not form part of the antenna itself, it should be made
using 50
Ω microstrip line or coax or a combination of both. It is desirable (but not essential) to fill all
unused PCB area around the module with ground plane.
Warning: DO NOT wash the module. It is not hermetically sealed.
recommended horizotal mounting method
optional solder joint
for extra mechanical
strength
vertical mounting method
Figure 4: Module mounting options




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TX2A-433-64UHF FM Data Transmitter and Receiver Modules 1 2 3 4 5 MoreRadiometrix Ltd
BIM-UHFLow Power UHF Data Transceiver Module 1 2 3 4 5 MoreRadiometrix Ltd
TX3A-869-64UHF FM Data Transmitter and Receiver Modules 1 2 3 4 5 MoreRadiometrix Ltd
CDP-02UHF FM-NARROW BAND SYNTHESIZED RADIO DATA MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TX2-433-40-5VUHF FM Data Transmitter and Receiver Modules 1 2 3 4 5 MoreRadiometrix Ltd
MC33696PLL Tuned UHF Transceiver for Data Transfer Applications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TDL2A-433-9UHF Multi Channel Transparent Data Link Transceiver 1 2 3 4 5 MoreRadiometrix Ltd
MRX-005SUHF AM RECEIVER MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
S-AU82AHRF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl