전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX2 데이터시트(Datasheet) 1 Page - Radiometrix Ltd

부품명 KTX2
상세내용  UHF FM Code-Hopping Data Transmitter Module
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RADIOMETRIX [Radiometrix Ltd]
홈페이지  http://www.radiometrix.com
Logo 

   
 1 page
background image
Radiometrix Ltd, KTX2 Data Sheet
page 1
Features
Features
Features
Features
!
Designed for compliance with EN 300 220-3 and EN 301 489-3
!
Each transmitter module is pre-programmed and unique
!
No additional circuitry required to use the module
!
32-bit encryption – more than 4 billion combinations
!
Usable range up to 300m
!
Available at 433.92MHz
!
Fully screened module
!
Suitable for use with a Radiometrix KRX receiver-decoder
The module combines full screening with extensive internal filtering for EMC - minimising spurious
radiations and susceptibilities. The KTX2 module will suit wireless control links in applications including
car and building security and secure unidirectional remote process control. Because of the small size and
low power requirement the module is ideal for use in portable, battery-powered devices such as hand-held
remote controls requiring data integrity and high security.
Technical Summary
!
Crystal-locked PLL
!
FM data with Manchester encoding
!
Operation from 3V to 6V
!
+3dBm output on 433.92MHz
!
<1uA standby, 8mA Tx current
!
Supply status included in transmission
UHF FM Code-Hopping Data Transmitter Module
The KTX2 is a miniature PCB
mounting code-hopping UHF radio
transmitter suitable for use in secure
remote keyless control applications
at distances up to 75 metres in-
building or 300 metres open ground.
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue 1, 05 March 2008
KTX2
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
Figure 1: KTX2-433
NE
W




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TX2A-433-64UHF FM Data Transmitter and Receiver Modules 1 2 3 4 5 MoreRadiometrix Ltd
BIM-UHFLow Power UHF Data Transceiver Module 1 2 3 4 5 MoreRadiometrix Ltd
TX3A-869-64UHF FM Data Transmitter and Receiver Modules 1 2 3 4 5 MoreRadiometrix Ltd
CDP-02UHF FM-NARROW BAND SYNTHESIZED RADIO DATA MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TX2-433-40-5VUHF FM Data Transmitter and Receiver Modules 1 2 3 4 5 MoreRadiometrix Ltd
MC33696PLL Tuned UHF Transceiver for Data Transfer Applications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TDL2A-433-9UHF Multi Channel Transparent Data Link Transceiver 1 2 3 4 5 MoreRadiometrix Ltd
MRX-005SUHF AM RECEIVER MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
S-AU82AHRF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl