전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX2-433 데이터시트(Datasheet) 4 Page - Radiometrix Ltd

부품명 KTX2-433
상세내용  UHF FM Code-Hopping Data Transmitter Module
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RADIOMETRIX [Radiometrix Ltd]
홈페이지  http://www.radiometrix.com
Logo 

   
 4 page
background image
Radiometrix Ltd, KTX2 Data Sheet
page 4
Absolute maximum ratings
Survival Maximums:
Exceeding the values given below may cause permanent damage to the module.
Operating temperature-
-20
°C to +70°C
Storage temperature
-40
°C to +100°C
Vcc (pin 4)
-0.3V to +6.9V
Function input (pins 5-8)
Vcc +/-0.3V
RF out (pin 1)
±50V DC 10dBm RF
Performance Specifications: KTX2 transmitter.
(Temperature = 20°C unless stated)
pin
min.
typ.
Max.
units
notes
DC LEVELS
supply voltage
4
3.0
4.5
6.0
V
3
CURRENT & RF POWER
KTX2-433
supply current @ Vcc = 5V
4
6
8
10
mA
RF power
@ Vcc = 3 – 6V
1
+1
+3
+5
dBm
1
Standby current
<1uA
RF
harmonics < 1GHz
1
-
-46
dBc
1
harmonics > 1GHz
1
-
-46
dBc
1
initial frequency accuracy
-
-15
+/-10
+15
kHz
overall frequency accuracy
-
-25
+/-10
+25
kHz
2
FM deviation (+/-)
-
20
27
35
kHz
Notes:
1. Measured into a 50
Ω load.
2. –20 to +70°C @ Vcc = 5V
3. Operational at 2.8V but with reduced deviation (typ. +/-15kHz)




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TX2A-433-64UHF FM Data Transmitter and Receiver Modules 1 2 3 4 5 MoreRadiometrix Ltd
BIM-UHFLow Power UHF Data Transceiver Module 1 2 3 4 5 MoreRadiometrix Ltd
TX3A-869-64UHF FM Data Transmitter and Receiver Modules 1 2 3 4 5 MoreRadiometrix Ltd
CDP-02UHF FM-NARROW BAND SYNTHESIZED RADIO DATA MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TX2-433-40-5VUHF FM Data Transmitter and Receiver Modules 1 2 3 4 5 MoreRadiometrix Ltd
MC33696PLL Tuned UHF Transceiver for Data Transfer Applications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TDL2A-433-9UHF Multi Channel Transparent Data Link Transceiver 1 2 3 4 5 MoreRadiometrix Ltd
MRX-005SUHF AM RECEIVER MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
S-AU82AHRF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl