전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3TA100GKXXNB 데이터시트(PDF) 1 Page - Sirectifier Semiconductors

부품명 3TA100GKXXNB
상세설명  Three Phase Half Bridge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRECTIFIER [Sirectifier Semiconductors]
홈페이지  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

3TA100GKXXNB 데이터시트(HTML) 1 Page - Sirectifier Semiconductors

  3TA100GKXXNB Datasheet HTML 1Page - Sirectifier Semiconductors 3TA100GKXXNB Datasheet HTML 2Page - Sirectifier Semiconductors 3TA100GKXXNB Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Three Phase Half Bridge
3TA100GKxxNB
Dimensions in mm (1mm = 0.0394")
Type
3TA100GK03NB
3TA100GK04NB
VRRM
V
300
400
VRSM
V
400
500
Symbol
Test Conditions
Maximum Ratings
Unit
IT(AV)
IT(RMS)
Single phase, half wave, 180oC conduction,TC=114oC
100
157
A
A2s
TVJ
TVJM
Tstg
-30...+150
150
-30...+125
oC
Weight
160
g
I2t
ITSM
PGM
PG(AV)
IFGM
VFGM
VRGM
di/dt
Ms
to heatsink M6
3 ~ 5
Mt
to terminals M5
2.5
5
Nm
1/2cycle, 50Hz/60Hz, peak value, non-repetitive
3200/3500
A
51000
10
1
W
3
A
10
5
V
IG=200mA, Tj=25oC, VD=1/2VDRM, dIG/dt=1A/us
50
A/us
~


유사한 부품 번호 - 3TA100GKXXNB

제조업체부품명데이터시트상세설명
logo
Sirectifier Semiconduct...
3TA100GKXXNB-B SIRECTIFIER-3TA100GKXXNB-B Datasheet
1Mb / 3P
   Three Phase Thyristor Module (Half Bridge)
More results

유사한 설명 - 3TA100GKXXNB

제조업체부품명데이터시트상세설명
logo
Sirectifier Semiconduct...
3TA130GKXXNB SIRECTIFIER-3TA130GKXXNB Datasheet
874Kb / 3P
   Three Phase Half Bridge
3TA200GKXXNB SIRECTIFIER-3TA200GKXXNB Datasheet
837Kb / 3P
   Three Phase Half Bridge
3TA60GKXXNB SIRECTIFIER-3TA60GKXXNB Datasheet
905Kb / 3P
   Three Phase Half Bridge
3TA80GKXXNB SIRECTIFIER-3TA80GKXXNB Datasheet
607Kb / 3P
   Three Phase Half Bridge
logo
Powersem GmbH
PSWDPSVD100 POWERSEM-PSWDPSVD100 Datasheet
137Kb / 1P
   Half Three Phase Rectifier Bridge
PSWD100 POWERSEM-PSWD100 Datasheet
137Kb / 1P
   Half Three Phase Rectifier Bridge
logo
IXYS Corporation
VVZ40 IXYS-VVZ40 Datasheet
51Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
VVZ12-16IO1 IXYS-VVZ12-16IO1 Datasheet
43Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
logo
Sirectifier Semiconduct...
3TA250GK03NB SIRECTIFIER-3TA250GK03NB Datasheet
1Mb / 3P
   Three Phase Thyristor Module (Half Bridge)
3TA60GKXXNB-B SIRECTIFIER-3TA60GKXXNB-B Datasheet
1Mb / 3P
   Three Phase Thyristor Module (Half Bridge)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com