전자부품 데이터시트 검색엔진 |
|
M27C1001-25XF1TR 데이터시트(PDF) 7 Page - STMicroelectronics |
|
M27C1001-25XF1TR 데이터시트(HTML) 7 Page - STMicroelectronics |
7 / 17 page 7/17 M27C1001 Table 9. Programming Mode DC Characteristics (1) (TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. Table 10. Programming Mode AC Characteristics (1) (TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. Symbol Parameter Test Condition Min Max Unit ILI Input Leakage Current VIL ≤ VIN ≤ VIH ±10 µA ICC Supply Current 50 mA IPP Program Current E = VIL 50 mA VIL Input Low Voltage –0.3 0.8 V VIH Input High Voltage 2 VCC + 0.5 V VOL Output Low Voltage IOL = 2.1mA 0.4 V VOH Output High Voltage TTL IOH = –400µA 2.4 V VID A9 Voltage 11.5 12.5 V Symbol Alt Parameter Test Condition Min Max Unit tAVPL tAS Address Valid to Program Low 2 µs tQVPL tDS Input Valid to Program Low 2 µs tVPHPL tVPS VPP High to Program Low 2µs tVCHPL tVCS VCC High to Program Low 2µs tELPL tCES Chip Enable Low to Program Low 2 µs tPLPH tPW Program Pulse Width 95 105 µs tPHQX tDH Program High to Input Transition 2 µs tQXGL tOES Input Transition to Output Enable Low 2 µs tGLQV tOE Output Enable Low to Output Valid 100 ns tGHQZ (2) tDFP Output Enable High to Output Hi-Z 0 130 ns tGHAX tAH Output Enable High to Address Transition 0ns Programming When delivered (and after each erasure for UV EPROM), all bits of the M27C1001 are in the '1' state. Data is introduced by selectively program- ming '0's into the desired bit locations. Although only '0's will be programmed, both '1's and '0's can be present in the data word. The only way to change a '0' to a '1' is by die exposition to ultravio- let light (UV EPROM). The M27C1001 is in the programming mode when VPP input is at 12.75V, E is at VIL and P is pulsed to VIL. The data to be programmed is applied to 8 bits in parallel to the data output pins. The levels required for the ad- dress and data inputs are TTL. VCC is specified to be 6.25V ± 0.25V. |
유사한 부품 번호 - M27C1001-25XF1TR |
|
유사한 설명 - M27C1001-25XF1TR |