전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSAC116 데이터시트(PDF) 4 Page - Sirectifier Semiconductors

부품명 SSAC116
상세설명  Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRECTIFIER [Sirectifier Semiconductors]
홈페이지  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SSAC116 데이터시트(HTML) 4 Page - Sirectifier Semiconductors

  SSAC116 Datasheet HTML 1Page - Sirectifier Semiconductors SSAC116 Datasheet HTML 2Page - Sirectifier Semiconductors SSAC116 Datasheet HTML 3Page - Sirectifier Semiconductors SSAC116 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SSAC116
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.22
180
oC
0.23
120
oC
0.25
60
oC
0.27
30
oC
0.28
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.0066
0.0019
2
0.0678
0.0477
3
0.1456
0.344
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.42
180
oC
0.43
120
oC
0.45
60
oC
0.47
30
oC
0.48
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.0066
0.0019
2
0.0678
0.0477
3
0.1456
0.344
4
0.2
1.32
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
3 x SSAC116


유사한 부품 번호 - SSAC116

제조업체부품명데이터시트상세설명
logo
Sirectifier Semiconduct...
SSAC116GK08 SIRECTIFIER-SSAC116GK08 Datasheet
223Kb / 4P
   Solid State AC Switch
SSAC116GK12 SIRECTIFIER-SSAC116GK12 Datasheet
223Kb / 4P
   Solid State AC Switch
SSAC116GK14 SIRECTIFIER-SSAC116GK14 Datasheet
223Kb / 4P
   Solid State AC Switch
SSAC116GK16 SIRECTIFIER-SSAC116GK16 Datasheet
223Kb / 4P
   Solid State AC Switch
SSAC116GK18 SIRECTIFIER-SSAC116GK18 Datasheet
223Kb / 4P
   Solid State AC Switch
More results

유사한 설명 - SSAC116

제조업체부품명데이터시트상세설명
logo
Sirectifier Semiconduct...
SSAC27 SIRECTIFIER-SSAC27 Datasheet
548Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC18 SIRECTIFIER-SSAC18 Datasheet
595Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC90 SIRECTIFIER-SSAC90 Datasheet
453Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC49 SIRECTIFIER-SSAC49 Datasheet
545Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC70 SIRECTIFIER-SSAC70 Datasheet
560Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC100 SIRECTIFIER-SSAC100 Datasheet
912Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC60 SIRECTIFIER-SSAC60 Datasheet
544Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
logo
List of Unclassifed Man...
SSAC18 ETC1-SSAC18 Datasheet
591Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
logo
Nell Semiconductor Co.,...
NK100KQ NELLSEMI-NK100KQ Datasheet
825Kb / 5P
   Anti-parallel Thyristor Module
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com