전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD70GK24 데이터시트(PDF) 4 Page - Sirectifier Semiconductors

부품명 STD70GK24
상세설명  Thyristor-Diode Modules, Diode-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRECTIFIER [Sirectifier Semiconductors]
홈페이지  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STD70GK24 데이터시트(HTML) 4 Page - Sirectifier Semiconductors

  STD70GK24 Datasheet HTML 1Page - Sirectifier Semiconductors STD70GK24 Datasheet HTML 2Page - Sirectifier Semiconductors STD70GK24 Datasheet HTML 3Page - Sirectifier Semiconductors STD70GK24 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STD/SDT70
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.3
180
oC
0.31
120
oC
0.33
60
oC
0.35
30
oC
0.37
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.008
0.0019
2
0.054
0.047
3
0.238
0.3
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.5
180
oC
0.51
120
oC
0.53
60
oC
0.55
30
oC
0.57
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.008
0.0019
2
0.054
0.047
3
0.238
0.3
4
0.2
1.25
3 x STD/SDT70
STD/SDT70
STD/SDT70


유사한 부품 번호 - STD70GK24

제조업체부품명데이터시트상세설명
logo
Sirectifier Global Corp...
STD70GK24 SIRECT-STD70GK24 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD70GK24 SIRECTIFIER-STD70GK24 Datasheet
266Kb / 4P
   Thyristor-Diode Modules
More results

유사한 설명 - STD70GK24

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com