전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N136 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 6N136
상세설명  High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N136 데이터시트(HTML) 5 Page - Vishay Siliconix

  6N136 Datasheet HTML 1Page - Vishay Siliconix 6N136 Datasheet HTML 2Page - Vishay Siliconix 6N136 Datasheet HTML 3Page - Vishay Siliconix 6N136 Datasheet HTML 4Page - Vishay Siliconix 6N136 Datasheet HTML 5Page - Vishay Siliconix 6N136 Datasheet HTML 6Page - Vishay Siliconix 6N136 Datasheet HTML 7Page - Vishay Siliconix 6N136 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83604
172
Rev. 1.5, 07-May-08
6N135/6N136
Vishay Semiconductors
High Speed Optocoupler, 1 MBd,
Phtotdiode with Transistor Output
Fig. 7 - Propagation Delay vs. Ambient Temperature
Fig. 8 - Logic High Output Current vs. Temperature
Fig. 9 - Small Signal Current Transfer Ratio vs.
Quiescent Input Current
Fig. 10 - Switching Times
i6n135_09
1400
1200
1000
800
600
400
200
0
- 60 - 40 - 20
100
T
amb - Temperature (°C)
0
20
40
60
80
6N135 at V
CC = 5 V
I
F = 16 mA, RL = 4.1 kΩ
t
PLH
t
PHL
i6n135_10
T
amb - Temperature (°C)
100
10
1
0.1
0.01
0.001
- 60 - 40 - 20
100
0
20
40
60
80
V
CC = VO = 5 V
V
CC = VO = 15 V
i6n135_11
0.6
0.5
0.4
0.3
0.2
0.1
0
10
15
20
25
I
F/mA
5
0
(V
CC = 5 V, RL = 100 Ω)
i6n135_01
VOL
t
t
5 V
1.5 V
VO
IF
tPLH
tPHL
1
2
3
4
8
7
6
5
IF
VO
RL
5 V
Pulse generator
Z O = 50 Ω
tr,tf = 5 ns
duty cycle 10 %
t
≤ 100 µs
CL
15 pF
IF Monitor
100
Ω
ı


유사한 부품 번호 - 6N136

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
6N136 QT-6N136 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
6N136 FAIRCHILD-6N136 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136 AVAGO-6N136 Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Sharp Corporation
6N136 SHARP-6N136 Datasheet
72Kb / 5P
   General Purpose Type Photocoupler
logo
Toshiba Semiconductor
6N136 TOSHIBA-6N136 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
More results

유사한 설명 - 6N136

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
SFH6326-X007T VISHAY-SFH6326-X007T Datasheet
174Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.7, 06-Jul-11
SFH6326 VISHAY-SFH6326_V01 Datasheet
185Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com