전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N135-X007 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 6N135-X007
상세설명  High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N135-X007 데이터시트(HTML) 2 Page - Vishay Siliconix

  6N135-X007 Datasheet HTML 1Page - Vishay Siliconix 6N135-X007 Datasheet HTML 2Page - Vishay Siliconix 6N135-X007 Datasheet HTML 3Page - Vishay Siliconix 6N135-X007 Datasheet HTML 4Page - Vishay Siliconix 6N135-X007 Datasheet HTML 5Page - Vishay Siliconix 6N135-X007 Datasheet HTML 6Page - Vishay Siliconix 6N135-X007 Datasheet HTML 7Page - Vishay Siliconix 6N135-X007 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 83604
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 07-May-08
169
6N135/6N136
High Speed Optocoupler, 1 MBd,
Phtotdiode with Transistor Output
Vishay Semiconductors
Notes
(1) Tamb = 25 °C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device.
Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this
document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
Tamb = 25 °C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the
device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage (between
emitter and detector climate per
DIN 50014 part 2, Nov. 74)
t = 1.0 s
VISO
5300
VRMS
Pollution degree (DIN VDE 0109)
2.0
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 125
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature (2)
max.
≤ 10 s, dip soldering
≥ 0.5 mm from case bottom
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 1.6 mA
VF
1.6
1.9
V
Breakdown voltage
IR = 10 µA
VBR
5.0
V
Reverse current
VR = 5.0 V
IR
0.5
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
125
pF
Temperature coefficient, forward
voltage
IF = 1.6 mA
ΔV
F/ΔTA
- 1.7
mV/°C
OUTPUT
Logic low supply current
IF = 1.6 mA, VO = open,
VCC = 15 V
ICCL
150
µA
Logic high supply current
IF = 0 mA, VO = open,
VCC = 15 V
ICCH
0.01
1
µA
Output voltage, output low
IF = 16 mA, IO = 1.1 mA,
VCC = 4.5 V
6N135
VOL
0.1
0.4
V
IF = 16 mA, IO = 2.4 mA,
VCC = 4.5 V
6N136
VOL
0.1
0.4
V
Output current, output high
IF = 0 mA, VO = VCC = 5.5 V
IOH
3.0
500
nA
IF = 0 mA, VO = VCC = 15 V
IOH
0.01
1
µA
COUPLER
Capacitance (input to output)
f = 1.0 MHz
CIO
0.6
pF
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT


유사한 부품 번호 - 6N135-X007

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N135-X007T VISHAY-6N135-X007T Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
6N135-X007T VISHAY-6N135-X007T Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
More results

유사한 설명 - 6N135-X007

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
SFH6326-X007T VISHAY-SFH6326-X007T Datasheet
174Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.7, 06-Jul-11
SFH6326 VISHAY-SFH6326_V01 Datasheet
185Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com